Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031AS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 031AS
Description  Aluminum Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

031AS Datasheet(HTML) 6 Page - Vishay Siliconix

  031AS Datasheet HTML 1Page - Vishay Siliconix 031AS Datasheet HTML 2Page - Vishay Siliconix 031AS Datasheet HTML 3Page - Vishay Siliconix 031AS Datasheet HTML 4Page - Vishay Siliconix 031AS Datasheet HTML 5Page - Vishay Siliconix 031AS Datasheet HTML 6Page - Vishay Siliconix 031AS Datasheet HTML 7Page - Vishay Siliconix 031AS Datasheet HTML 8Page - Vishay Siliconix 031AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28327
184
Revision: 15-Oct-08
030/031 AS
Vishay BCcomponents
Aluminum Capacitors
Axial Standard
EQUIVALENT SERIES RESISTANCE (ESR)
IMPEDANCE (Z)
Table 3
T
amb (°C)
ESR
0 = capacitance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
Fig.5 Typical multiplier of ESR as a function
of ambient temperature
30
20
10
0.3
ESR
ESR
0
1
2
3
1
3
2
Curve 1: 6.3 V
Curve 2: 63 V
Curve 3: 100 V
T
amb (°C)
ESR
0 = capacitance at 20 °C, 100 Hz
Fig.6 Typical multiplier of ESR as a function
of frequency
2
1
0
ESR
ESR
0
10
10
2
10
3
10
4
1
2
3
1
3
2
IMPEDANCE VS. CAPACITANCE VALUES AT 10 kHz
Tamb
Z x CR (Ω x µF)
6.3 V
10 V
16 V
25 V
40 V
63 V
100 V
+ 20 °C
≤ 200
≤ 160
≤ 120
≤ 90
≤ 70
≤ 55
≤ 45
- 25 °C
≤ 1200
≤ 750
≤ 560
≤ 400
≤ 300
≤ 180
≤ 130
- 40 °C
≤ 3200
≤ 2000
≤ 1500
≤ 1100
≤ 900
≤ 500
≤ 350
T
amb 20 °C
Fig.7 Typical impedance as a function of frequency
10
4
10
3
10
2
10
1
10
-1
10
2
10
3
10
4
10
5
10
6
Z
(
Ω)
Curve 1: 1 µF, 63 V, 3.3 x 11 mm
Curve 2: 2.2 µF, 40 V, 3.3 x 11 mm
Curve 3: 4.7 µF,16 V, 3.3 x 11 mm
Curve 4: 10 µF, 25 V, 4.5 x 11 mm
Curve 5: 22 µF, 25 V, 4.5 x 11 mm
Curve 6: 47 µF, 25 V, 6 x 11 mm
Curve 7: 100 µF, 25 V, 6.5 x 11 mm
Curve 8: 220 µF, 10 V, 6.5 x 11 mm
1
4
6
7
8
5
3
2
T
amb 20 °C
Fig.8 Typical impedance as a function of frequency
10
3
10
1
1
10
-1
10
-2
10
2
10
3
10
4
10
5
10
6
Z
(
Ω)
1
2
3
4
5
6
Curve 1: 22 µF, 63 V, 8 x 11 mm
Curve 2: 47 µF, 40 V, 8 x 11 mm
Curve 3: 150 µF, 25 V, 8 x 18 mm
Curve 4: 330 µF, 16 V, 10 x 18 mm
Curve 5: 470 µF, 16 V, 10 x 25 mm
Curve 6: 1000 µF, 6.3 V, 10 x 25 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com