Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031AS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 031AS
Description  Aluminum Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

031AS Datasheet(HTML) 4 Page - Vishay Siliconix

  031AS Datasheet HTML 1Page - Vishay Siliconix 031AS Datasheet HTML 2Page - Vishay Siliconix 031AS Datasheet HTML 3Page - Vishay Siliconix 031AS Datasheet HTML 4Page - Vishay Siliconix 031AS Datasheet HTML 5Page - Vishay Siliconix 031AS Datasheet HTML 6Page - Vishay Siliconix 031AS Datasheet HTML 7Page - Vishay Siliconix 031AS Datasheet HTML 8Page - Vishay Siliconix 031AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28327
182
Revision: 15-Oct-08
030/031 AS
Vishay BCcomponents
Aluminum Capacitors
Axial Standard
40
2.2
3.3 x 11
1
15
5
5.1
0.15
109
32
03027228E3
03037228E3
10
4.5 x 10
2
50
20
5.8
0.11
17.6
7
03027109E3
03037109E3
15
4.5 x 10
2
55
30
6.2
0.11
11.7
4.7
03027159E3
03037159E3
22
6 x 10
3
75
9
6.8
0.11
8.0
3.2
03027229E3
03037229E3
33
6 x 10
3
95
12
7.7
0.11
5.31
2.1
03027339E3
03037339E3
47
8 x 11
5a
150
16
8.8
0.11
3.73
1.5
03027479E3
03037479E3
47
6.5 x 18
4
150
16
8.8
0.11
3.73
1.5
03127479E3
03137479E3
100
8 x 18
5
220
28
13
0.11
1.75
0.70
03127101E3
03137101E3
150
10 x 18
6
300
40
17
0.11
1.17
0.47
03127151E3
03137151E3
220
10 x 25
7
430
57
23
0.11
0.80
0.32
03127221E3
03137221E3
63
1.0
3.3 x 11
1
10
5
5.1
0.12
191
55
03090067E3
03090068E3
1.0
4.5 x 10
2
13
5
5.1
0.09
143
55
03028108E3
03038108E3
2.2
4.5 x 10
2
25
7
5.3
0.09
65.2
25
03028228E3
03038228E3
3.3
4.5 x 10
2
35
11
5.4
0.09
46.5
17
03028338E3
03038338E3
4.7
4.5 x 10
2
40
15
5.6
0.09
30.5
12
03028478E3
03038478E3
6.8
4.5 x 10
2
46
22
5.9
0.09
21.1
8.1
03028688E3
03038688E3
10
6 x 10
3
70
7
6.3
0.08
12.8
5.5
03028109E3
03038109E3
15
6 x 10
3
79
10
6.9
0.08
8.5
3.7
03028159E3
03038159E3
22
8 x 11
5a
110
13
7.8
0.08
5.79
2.5
03028229E3
03038229E3
22
6.5 x 18
4
110
13
7.8
0.08
5.79
2.5
03128229E3
03138229E3
47
8 x 18
5
190
22
11
0.08
2.71
1.2
03128479E3
03138479E3
68
10 x 18
6
250
30
14
0.08
1.88
0.81
03128689E3
03138689E3
100
10 x 25
7
300
42
18
0.08
1.28
0.55
03128101E3
03138101E3
100
0.47
4.5 x 10
2
9
5
4.3
0.08
271
96
03029477E3
03039477E3
1.0
4.5 x 10
2
20
5
4.6
0.08
128
45
03029108E3
03039108E3
2.2
4.5 x 10
2
30
11
5.3
0.08
57.9
21
03029228E3
03039228E3
3.3
4.5 x 10
2
40
17
6.0
0.08
38.6
14
03029338E3
03039338E3
4.7
6 x 10
3
50
13
6.8
0.07
23.7
9.6
03029478E3
03039478E3
6.8
6 x 10
3
70
18
8.0
0.07
16.4
6.6
03029688E3
03039688E3
10
8 x 11
5a
90
24
10
0.07
11.2
4.5
03029109E3
03039109E3
10
6.5 x 18
4
90
24
10
0.07
11.2
4.5
03129109E3
03139109E3
22
8 x 18
5
120
48
18
0.07
5.07
2.1
03129229E3
03139229E3
33
10 x 18
6
200
70
24
0.07
3.38
1.4
03129339E3
03139339E3
47
10 x 25
7
260
98
33
0.07
2.37
0.96
03129479E3
03139479E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85
°C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE
MAL2..........
TAPED ON
REEL
FORM BR
TAPED IN BOX
FORM BA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com