Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8146 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8146
Description  EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8146 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8146 Datasheet HTML 1Page - STMicroelectronics TDA8146 Datasheet HTML 2Page - STMicroelectronics TDA8146 Datasheet HTML 3Page - STMicroelectronics TDA8146 Datasheet HTML 4Page - STMicroelectronics TDA8146 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(refer to test circuit VS = 24V, Tj = 25
oC ; unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
KA
Parabola Coefficient
KA
=
VA
VB
0.25
KC
Parabola Coefficient
KC
=
VC
VB
, S4 + S5 open
1.75
K5
Parabola Coefficient
K5
=
VC5
VC
, S4 or S5 Closed
1.07
K4
Parabola Coefficient
K4
=
VC4
VC
, S4 + S5 Closed
1.17
KS
Parabola Symmetry
KS
=
VC
VD
0.94
1.0
1.06
KF
Flyback Coefficient
KF
=
VC
VD
, V4 = 15V
1.0
1
3
5
6
7
9
2
∆I
IREF
14
13
11
10
2.2V
REF
4
8
12
60
µA
8.2V
10k
Ω
R2
R1
10k
Ω
VSE
R REF
S4
S5
VV
V
V
8V
5k
Ω
24V
V S
D1
TEST CIRCUIT
TDA8146
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com