Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8146 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8146
Description  EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8146 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8146 Datasheet HTML 1Page - STMicroelectronics TDA8146 Datasheet HTML 2Page - STMicroelectronics TDA8146 Datasheet HTML 3Page - STMicroelectronics TDA8146 Datasheet HTML 4Page - STMicroelectronics TDA8146 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
S4
S5
18k
Ω
2.2k
Ω
Line Size
Adjustment
47k
Ω
4.7k
Ω
6
7
1.5k
Ω
VS
HORIZONTAL
FLYBACK
3
2
5
4
1
3.3M
Ω
2.2M
Ω
820k
Ω
10k
Ω
1%
10k
Ω
1%
100k
Ω
15mH
VERTICAL
YOKE
1.6 VPP
VERTICAL
FLYBACK
APPLICATION DIAGRAM
V C4
C5
V
C
V
V B
A
V
D
VV F
9.6V
PAR
V
9V
8V
7V
during
flyback
0
-0.3V
-0.6V
-0.8V
+0.8V
V SE
PAR
V
PARABOLA CHARACTERISTICS
TDA8146
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com