Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8153 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA8153
Description  RGB VIDEO OUTPUT AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8153 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA8153 Datasheet HTML 3Page - STMicroelectronics TDA8153 Datasheet HTML 4Page - STMicroelectronics TDA8153 Datasheet HTML 5Page - STMicroelectronics TDA8153 Datasheet HTML 6Page - STMicroelectronics TDA8153 Datasheet HTML 7Page - STMicroelectronics TDA8153 Datasheet HTML 8Page - STMicroelectronics TDA8153 Datasheet HTML 9Page - STMicroelectronics TDA8153 Datasheet HTML 10Page - STMicroelectronics TDA8153 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
G(dB)
100k
1M
10M
+1
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
f(MHz)
VO =80 V PP
VOBL = 125V
Figure 1 : Video Bandwith
90%
10%
50 ns/div. ; uncal
Figure 2 : Fall Time
90%
10%
50 ns/div. ; uncal
Figure 3 : Rise Time
P. C. Board
The best performance of the RGB video amplifier
can be obtained only with a carefully designed P.C.
board. The layout of the printed circuit must be
realized to achieve the best possible symmetry of
the three channels.
Output to input capacitances are of particular im-
portance. The input-output capacitances, in paral-
lel with the relative high feedback resistances,
create poles in the closed loop transfer function.
To optimize the band response and to minimize the
channels crosstalk a low parasitic capacitance
feedback resistors of not inductive type is neces-
sary.
Capacitive coupling from the output of an amplifier
and the input of another one may induce excessive
crosstalk. It is advisable to keep the amplifier out-
puts away from amplifier inputs.
The small size of the P.C. board allows you to
mount the TDA8153 directly beside the picture tube
socket, to minimize the capacitances of the con-
nections between the video amplifiers and the pic-
ture tube cathodes.
The capacitors connected in parallel with the input
resistors compensate the effects of the distributed
constants of the printed circuit on the step response
times. Their values must be selected on the basis
of the layout and can be considered as function of
the printed circuit.
The three capacitors (C9, C10, C11) between the
amplifier outputs and the feedback resistors re-
duces the noise effect on the cut-off control, their
value, of course, depends on the noise amplitude
and spectrum coming from the I.F. video stage.
To prevent possible oscillation problems, it is nec-
essary to place the high voltage filter capacitor (C3)
as near as possible to the IC ground and the latter
must be of a substantial width.
APPLICATION NOTES
TDA8153
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com