Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8153 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA8153
Description  RGB VIDEO OUTPUT AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8153 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA8153 Datasheet HTML 3Page - STMicroelectronics TDA8153 Datasheet HTML 4Page - STMicroelectronics TDA8153 Datasheet HTML 5Page - STMicroelectronics TDA8153 Datasheet HTML 6Page - STMicroelectronics TDA8153 Datasheet HTML 7Page - STMicroelectronics TDA8153 Datasheet HTML 8Page - STMicroelectronics TDA8153 Datasheet HTML 9Page - STMicroelectronics TDA8153 Datasheet HTML 10Page - STMicroelectronics TDA8153 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Power Dissipation
Taking as reference the IC internal schematic dia-
gram we can calculate the power dissipated by the
video amplifiers.
The power dissipation of the IC is defined by a static
an a dynamic part.
The statically dissipated power is given by :
PS
= 3Vht
Vht
− Vobl
R1
+
Vobl
Rf
− 3
Vobl
2
Rf
− 3
(Vref + 2Vbe)2
Rb
Where Rf is the feedback resistance and Rb the
input to ground resistance with a black level
Vobl = 150V, Vht = 200V, Rf = 68k
Ω and Rb = 1.8kΩ
we have : PS = 1.75W
The dynamic power dissipation has been calcu-
lated with a 5MHz, 80Vpp sinusoidal output signal
and a load capacitor CL = 10pF with the following
expression :
Pd
=
0.8 Vht
(2f CL Vop
) − 0.8
Vop
2
2Rf
= 1.90W
The value is reduced by 20% (0.8 factor) because
during the flyback time there is not signal.
The total power dissipated by the IC is therefore :
PT =PS +Pd = 1.75 + 1.90 = 3.65W
One of the worst working condition of the TV set as
regards the power dissipation, is when you get
white noise on the screen, for example, when you
disconnect the TV aerial or the channels are not
properly tuned.
In these cases if we set the TV receiver for 80VPP
white noise output signal with a black level
Vob1 = 125V, the total power dissipated by the IC
can be measured.
It results about PT = 4.8W.
With a maximum ambient temperature of 70
°Cand
a junction temperature of 150
°Ca 15°C/W heatsink
is required.
Figure 4 : Maximum Allowable Power Dissipation
versus Ambient Temperature
Figure 5 : Mounting Examples
TDA8153
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com