Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1102G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCET1102G
Description  Optocoupler, Phototransistor Output, High Temperarure
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1102G Datasheet(HTML) 3 Page - Vishay Siliconix

  TCET1102G Datasheet HTML 1Page - Vishay Siliconix TCET1102G Datasheet HTML 2Page - Vishay Siliconix TCET1102G Datasheet HTML 3Page - Vishay Siliconix TCET1102G Datasheet HTML 4Page - Vishay Siliconix TCET1102G Datasheet HTML 5Page - Vishay Siliconix TCET1102G Datasheet HTML 6Page - Vishay Siliconix TCET1102G Datasheet HTML 7Page - Vishay Siliconix TCET1102G Datasheet HTML 8Page - Vishay Siliconix TCET1102G Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83503
812
Rev. 2.2, 16-May-08
TCET1100/TCET1100G
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Temperarure
Notes
(1) The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's Thermal
Characteristics of Optocouplers Application note.
(2) For 2 layer FR4 board (4" x 3" x 0.062)
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
THERMAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
LED power dissipation
at 25 °C
Pdiss
100
mW
Output power dissipation
at 25 °C
Pdiss
150
mW
Maximum LED junction temperature
Tjmax
125
°C
Maximum output die junction temperature
Tjmax
125
°C
Thermal resistance, junction emitter to board
θ
EB
173
°C/W
Thermal resistance, junction emitter to case
θ
EC
149
°C/W
Thermal resistance, junction detector to board
θ
DB
111
°C/W
Thermal resistance, junction detector to case
θ
DC
127
°C/W
Thermal resistance, junction emitter to junction detector
θ
ED
173
°C/W
Thermal resistance, board to ambient (2)
θ
BA
197
°C/W
Thermal resistance, case to ambient (2)
θ
CA
4041
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector emitter cut-off current
VCE = 20 V, IF = 0 A, E = 0
ICEO
10
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA, RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com