Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52749FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M52749FP
Description  BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52749FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M52749FP Datasheet HTML 9Page - Renesas Technology Corp M52749FP Datasheet HTML 10Page - Renesas Technology Corp M52749FP Datasheet HTML 11Page - Renesas Technology Corp M52749FP Datasheet HTML 12Page - Renesas Technology Corp M52749FP Datasheet HTML 13Page - Renesas Technology Corp M52749FP Datasheet HTML 14Page - Renesas Technology Corp M52749FP Datasheet HTML 15Page - Renesas Technology Corp M52749FP Datasheet HTML 16Page - Renesas Technology Corp M52749FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
M52749FP
REJ03F0194-0201 Rev.2.01 Mar 31, 2008
Page 13 of 26
FC1 Frequency Characteristics1 (f = 50 MHz)
First, SG3 to 1 MHz is as input signal. Input a resister that is about 2 k
Ω to offer the voltage at input pins (2, 6, 11) in
order that the bottom of input signal is 2.5 V.
Control the main contrast in order that the amplitude of sine wave output is 4.0 VP-P.
Control the brightness in order that the bottom of sine wave output is 2.0 VP-P.
By the same way, measure the output amplitude when SG3 to 50 MHz is as input signal.
The measured value is called VOUT (33, 38, 41). Frequency characteristics FC1 (33, 38, 41) is calculated by the
equation below:
FC1 = 20log
(dB)
Output amplitude when inputted SG3 (1 MHz): 4.0 VP-P
VOUT VP-P
∆F
C1 Frequency Relative Characteristics1 (f = 50 MHz)
Relative characteristics
∆F
C1 is calculated by the difference in the output between the channels.
FC1' Frequency Characteristics1 (f = 180 MHz)
Measuring condition and procedure are the same as described in FC1, expect SG3 to 180 MHz.
∆F
C1' Frequency Relative Characteristics1 (f = 180 MHz)
Relative characteristics
∆F
C1' is calculated by the difference in the output between the channels.
FC2 Frequency Characteristics2 (f = 180 MHz)
SG3 to 1 MHz is as input signal. Control the main contrast in order that the amplitude of sine wave output is 1.0 VP-P.
By the same way, measure the output amplitude when SG3 to 150 MHz is as input signal.
The measured value is called VOUT (33, 38, 41).
Frequency characteristics FC2 (33, 38, 41) is calculated by the equation below:
FC2 = 20log
(dB)
Output amplitude when inputted SG3 (1 MHz): 4.0 VP-P
VOUT VP-P
∆F
C2 Frequency Relative Characteristics2 (f = 180 MHz)
Relative characteristics
∆F
C2 is calculated by the difference in the output between the channels.
C.T.1 Crosstalk1 (f = 50 MHz)
Input SG3 (50 MHz) to pin 2 only, and then measure the waveform amplitude output at OUT (33, 38, 41).
The measured value is called VOUT (33, 38, 41). Crosstalk C.T.1 is calculated by the equation below:
C.T.1 = 20log
(dB)
VOUT (41)
VOUT (33, 38)
C.T.1' Crosstalk1 (f = 180 MHz)
Measuring condition and procedure are the same as described in C.T.1, expect SG3 to 180 MHz.
C.T.2 Crosstalk2 (f = 50 MHz)
Input SG3 (50 MHz) to pin 6 only, and then measure the waveform amplitude output at OUT (33, 38, 41).
The measured value is called VOUT (33, 38, 41). Crosstalk C.T.2 is calculated by the equation below:
C.T.2 = 20log
(dB)
VOUT (38)
VOUT (33, 41)
C.T.2' Crosstalk2 (f = 180 MHz)
Measuring condition and procedure are the same as described in C.T.2, expect SG3 to 180 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com