Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52749FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M52749FP
Description  BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52749FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M52749FP Datasheet HTML 17Page - Renesas Technology Corp M52749FP Datasheet HTML 18Page - Renesas Technology Corp M52749FP Datasheet HTML 19Page - Renesas Technology Corp M52749FP Datasheet HTML 20Page - Renesas Technology Corp M52749FP Datasheet HTML 21Page - Renesas Technology Corp M52749FP Datasheet HTML 22Page - Renesas Technology Corp M52749FP Datasheet HTML 23Page - Renesas Technology Corp M52749FP Datasheet HTML 24Page - Renesas Technology Corp M52749FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
M52749FP
REJ03F0194-0201 Rev.2.01 Mar 31, 2008
Page 21 of 26
Pin Description (cont.)
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
21
Clamp
Pulse IN
21
41 k
2.2 V
0.15 mA
Input pulses
2.5 to 5 V
0.5 V to GND
Input at low impedance
22
SCL
22
50 k
2 k
3 V
19
SCL of I
2C BUS
(Serial clock line)
VTH = 2.3 V
23
SDA
23
50 k
2 k
3 V
19
SDA of I
2C BUS
(Serial data line)
VTH = 2.3 V
25
26
27
28
29
D/A
OUT
D/A output pin.
Output voltage range is 0 to 5 V.
Min input current is 0.18 mA when
D/A output pin is 1 V.
Max output current is 1.0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com