Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS5P4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS5P4
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS5P4 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS5P4 Datasheet HTML 1Page - Vishay Siliconix SS5P4 Datasheet HTML 2Page - Vishay Siliconix SS5P4 Datasheet HTML 3Page - Vishay Siliconix SS5P4 Datasheet HTML 4Page - Vishay Siliconix SS5P4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SS5P3 & SS5P4
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88982
Revision: 29-Jul-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Units mounted on recommended P.C.B. 1 oz. pad layout
Note:
(1) High reliability/automotive grade (AEC-Q101 qualified)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage (1)
IF = 2.5 A
IF = 5.0 A
TA = 25 °C
VF
0.416
0.476
-
0.52
V
IF = 2.5 A
IF = 5.0 A
TA = 125 °C
0.312
0.403
-
0.45
Maximum reverse current (2)
rated VR
TA = 25 °C
TA = 125 °C
IR
61.8
26.7
250
40
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
280
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS5P3
SS5P4
UNIT
Typical thermal resistance
RθJA
(1)
RθJL
60
3
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS5P4-E3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS5P4-E3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS5P4HE3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS5P4HE3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel
SS5P4-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS5P4-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS5P4HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS5P4HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com