Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS5P4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS5P4
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS5P4 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS5P4 Datasheet HTML 1Page - Vishay Siliconix SS5P4 Datasheet HTML 2Page - Vishay Siliconix SS5P4 Datasheet HTML 3Page - Vishay Siliconix SS5P4 Datasheet HTML 4Page - Vishay Siliconix SS5P4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
SS5P3 & SS5P4
Vishay General Semiconductor
Document Number: 88982
Revision: 29-Jul-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics
Figure 3. Typical Instantaneous Forward Characteristics
Lead Temperature (°C)
6.0
5.0
4.0
3.0
2.0
1.0
0
80
90
100
110
120
130
140
150
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
0
0.5
1.0
1.5
2.0
2.5
3.0
012
3
4
5
6
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
0
0.2
0.4
0.6
0.8
1.0
100
10
1
0.1
0.01
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
Percent of Rated Peak Reverse Voltage (%)
1000
100
10
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.001
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
1
10
100
100
1000
Reverse Voltage (V)
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com