Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61323SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M61323SP Datasheet HTML 1Page - Renesas Technology Corp M61323SP Datasheet HTML 2Page - Renesas Technology Corp M61323SP Datasheet HTML 3Page - Renesas Technology Corp M61323SP Datasheet HTML 4Page - Renesas Technology Corp M61323SP Datasheet HTML 5Page - Renesas Technology Corp M61323SP Datasheet HTML 6Page - Renesas Technology Corp M61323SP Datasheet HTML 7Page - Renesas Technology Corp M61323SP Datasheet HTML 8Page - Renesas Technology Corp M61323SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 5 of 19
Electrical Characteristics (cont.)
SW2
Rin1
SW4
Gin1
SW6
Bin1
SW7
Hin1
SW8
Vin1
SW10
Rin2
SW12
Gin2
SW14
Bin2
SW15
Hin2
SW16
Vin2
SW11
P.sav
Min.
Limits
Input
SW
Typ. Max. Unit
Test
Point
(s)
SW13
Switch
SW22
Sync
31
28
25
bb
b
b
b
b
a
3 V
b
b
bb
b
b
abb
SG4
bab
SG4
bba
SG4
bb
b
b
b
b
b
abb
SG5
bab
SG5
bba
SG5
abb
SG4
bab
SG4
bba
SG4
b
bb
b
b
b
abb
SG5
bab
SG5
bba
SG5
dB
dB
dB
dB
dB
dB
−10
1
−10
1
0
−10
1
−3
Item
Freq. characteristic1
(100 MHz)
Freq.characteristic3
(250 MHz)
Freq.characteristic4
(250 MHz)
Relative
Freq.characteristic1
(100 MHz)
Freq.characteristic2
(100 MHz)
Relative
Freq.characteristic2
(100 MHz)
Crosstalk between
two inputs1 (10 MHz)
Crosstalk between
channels1 (10 MHz)
Crosstalk between
channels2 (10 MHz)
Crosstalk between
two inputs2 (10 MHz)
Crosstalk between
two inputs3 (100 MHz)
Crosstalk between
channels3 (100 MHz)
Crosstalk between
channels4 (100 MHz)
Pulse characteristic1
Pulse characteristic2
Crosstalk between
two inputs4 (100 MHz)
bb
b
b
b
b
b
bb
bb
b
b
b
dB
dB
dB
dB
dB
dB
dB
dB
ns
ns
−60 −45
−60 −45
−40 −30
−40 −30
−50 −40
−50 −40
−30 −25
−30 −25
1.6
2.5
1.6
2.5
abb
SG3
bab
SG3
bba
SG3
abb
SG3
bab
SG3
bba
SG3
bb
b
b
b
b
b
bb
bb
b
b
b
abb
SG4
bab
SG4
bba
SG4
abb
SG4
bab
SG4
bba
SG4
bb
b
b
b
b
b
b
bb
bb
b
b
b
abb
SG3
bab
SG3
bba
SG3
abb
SG3
bab
SG3
bba
SG3
bb
b
b
b
b
b
b
bb
b
b
b
b
b
b
bb
bb
b
b
b
abb
SG4
bab
SG4
bba
SG4
abb
SG4
bab
SG4
bba
SG4
b
bb
b
b
b
bb
−11
31
28
25
bb
b
a
3 V
a
3 V
31
28
25

bb
a
3 V
31
28
25
−3

bb
a
3 V
a
3 V
31
28
25
b
a
3 V
a
3 V
31
28
25
b
a
3 V
b
31
28
25
b
a
3 V
a
3 V
31
28
25
b
a
3 V
b
31
28
25
a
3 V
b
31
28
25
b
a
3 V
a
3 V
31
28
25
a
3 V
b
31
28
25
b
a
3 V
a
3 V
31
28
25
abb
SG6
bab
SG6
bba
SG6
a
3 V
b
ns
1.6
2.5
b
b
b
b
b
b
b
b
31
28
25
abb
SG6
bab
SG6
bba
SG6
a
3 V
b
Symbol
FC1
∆F
C1
FC2
FC3
FC4
∆F
C2
C.T.I.1
C.T.I.2
C.T.I.3
C.T.I.4
C.T.C1
C.T.C2
C.T.C3
C.T.C4
Tr1
Tf1
Tr2
Tf2
31
28
25
abb
SG6
bab
SG6
bba
SG6
bb
a
3 V
a
3 V
ns
1.6
2.5
b
bb
b
b
b
31
28
25
abb
SG6
bab
SG6
bba
SG6
bb
a
3 V
a
3 V
Relative to measured values above
Relative to measured values above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com