Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61323SP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M61323SP Datasheet HTML 7Page - Renesas Technology Corp M61323SP Datasheet HTML 8Page - Renesas Technology Corp M61323SP Datasheet HTML 9Page - Renesas Technology Corp M61323SP Datasheet HTML 10Page - Renesas Technology Corp M61323SP Datasheet HTML 11Page - Renesas Technology Corp M61323SP Datasheet HTML 12Page - Renesas Technology Corp M61323SP Datasheet HTML 13Page - Renesas Technology Corp M61323SP Datasheet HTML 14Page - Renesas Technology Corp M61323SP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 11 of 19
Input Signal
SG No.
Signals
SG1
Sine wave (f = 60 kHz, 0.7 VP-P (Amplitude variable) )
0.7 VP-P
(variable)
SG2
Sine wave (f = 1 MHz, 0.7 VP-P (Amplitude variable) )
SG3
Sine wave (f = 10 MHz, 0.7 VP-P (Amplitude variable) )
SG4
Sine wave (f = 100 MHz, 0.7 VP-P (Amplitude variable) )
SG5
Sine wave (f = 250 MHz, 0.7 VP-P (Amplitude variable) )
SG6
0.7 VP-P
DUTY 80%
fH = 60 kHz
0.7 VP-P
SG7
Sync (fH = 60 kHz)
Amplitude variable
(Typ. = 0.3 VP-P)
4.5
µs
SG8
5 V
0 V
DUTY 50%
fH = 60 kHz
TTL
Typical Characteristics
Ambient Temperature Ta (°C)
1250
1500
1750
0
250
500
750
1000
1250
1500
1750
0
250
500
750
1000
833
85
1603
−25
0
25
50
75
100
125
150
−25
0
25
50
75
100
125
150
Thermal Derating (M61323SP)
Ambient Temperature Ta (°C)
640
Thermal Derating (M61323FP)
1068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com