Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62016FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62016FP
Description  Low Power 2 Output System Reset IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62016FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62016FP Datasheet HTML 1Page - Renesas Technology Corp M62016FP Datasheet HTML 2Page - Renesas Technology Corp M62016FP Datasheet HTML 3Page - Renesas Technology Corp M62016FP Datasheet HTML 4Page - Renesas Technology Corp M62016FP Datasheet HTML 5Page - Renesas Technology Corp M62016FP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.1.00 Sep 14, 2005 page 1 of 5
M62015L/FP, M62016L/FP
Low Power 2 Output System Reset IC
REJ03D0783-0100
Rev.1.00
Sep 14, 2005
Description
The M62015 and M62016 are semiconductor integrated circuits whose optimum use is for the detection of the rise and
fall in the power supply to a microcomputer system in order to reset or release the microcomputer system.
The M62015 and M62016 carry out voltage detection in two steps and have two output pins. As Bi-CMOS process and
low power dissipating circuits are employed, they output optimum signals through each output pin to a system that
requires RAM backup.
These ICs also support the backup mode of Renesas microcomputer the M16C.
Features
• Bi-CMOS process realizes a configuration of low current dissipating circuits.
Circuit current
ICC = 3 µA (Typ, normal mode, VCC = 3.0 V)
ICC = 1 µA (Typ, backup mode, VCC = 2.5 V)
• Two-step detection of supply voltage
Detection voltage in normal mode: VS = 2.7 V (Typ)
Detection voltage in backup mode: VBATT = 2.0 V (Typ)
• Two outputs
Reset output (
RESET): output of compulsive reset signal
Interruption output (
INT): output of interruption signal
• Two types of output forms
CMOS output: M62015L/FP
open drain output: M62016L/FP
Application
• Prevention of errors in microcomputer system in electronic equipment that requires RAM backup, such as office,
industrial, and home-use equipment.
Pin Arrangement
M62015FP
M62016FP
M62015L
M62016L
8
5
6
7
INT
NC
NC: No Connection
NC
GND
RESET
NC
VCC
Cd
1
4
3
2
(Top view)
Package: PRSP0008DA-A (8P2S-A)
Package: 5P5T
(Top view)
VCC
RESET
GND
5
1
2
3
4
INT
Cd


Similar Part No. - M62016FP

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Heyco.
M6201 HEYCO-M6201 Datasheet
258Kb / 1P
Plated Steel Liquid Tight Cordgrips
logo
MPS Industries, Inc.
M6201-11 MPSIND-M6201-11 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-13 MPSIND-M6201-13 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
M6201-21 MPSIND-M6201-21 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
More results

Similar Description - M62016FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62009L MITSUBISHI-M62009L Datasheet
26Kb / 3P
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Rohm
BH6150F ROHM-BH6150F Datasheet
78Kb / 8P
System reset IC
logo
KODENSHI_AUK CORP.
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
System Reset IC
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
System Reset IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
Low Power 2 Output System Reset IC Series
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
Low Power 2 Output System Reset IC with External Input
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
System Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com