Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 15Page - STMicroelectronics TDA9109 Datasheet HTML 16Page - STMicroelectronics TDA9109 Datasheet HTML 17Page - STMicroelectronics TDA9109 Datasheet HTML 18Page - STMicroelectronics TDA9109 Datasheet HTML 19Page - STMicroelectronics TDA9109 Datasheet HTML 20Page - STMicroelectronics TDA9109 Datasheet HTML 21Page - STMicroelectronics TDA9109 Datasheet HTML 22Page - STMicroelectronics TDA9109 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
OPERATING DESCRIPTION (continued)
H Osc
Sawtooth
H Drive
1.6V
4.0V
6.4V
7/8T
H
1/8T
H
Ts
Duty Cycle
Internally
Shaped Flyback
Flyback
The duty cycle of H-drive is fixed (48%).
Figure 11 : PLL2 Timing Diagram
H Osc
Sawtooth
Phase REF1
H Synchro
1.6V
Vb
6.4V
2.8V < Vb < 4.0V
7/8T
H
1/8T
H
Phase REF1 is obtained by comparison between the sawtooth and
a DC voltage adjustable between 2.8V and 4.0V. The PLL1 en-
sures the exact coincidence between the signal phase REF and
HSYNC. A
± TH/10 phase adjustment is possible.
Figure 10 : PLL1 Timing Diagram
The sync frequencymust always be higher than the
free running frequency. For example, when using
a sync range between 24kHz and 100kHz, the
suggested free running frequency is 23kHz.
This can be obtainedonly byadjustingf0 (for instance,
making R0 adjustable). If no adjustment is possible,
more margin must be provided to cope with the
components spread :
±8% for the IC, ±1% for R0,
±2 or 5% for C0, leading to ±11%or 14% on f0. The
same percentage of frequency range will lost at
upper end of the range.
Another feature is the capability for the MCU to
force the horizontal frequency through I
2C to 2xf0
or 3xf0 (for burn-in mode or safety requirements).
In this case, the inhibition switch is opened, leaving
PLL1 free, but the voltage on PLL1 filter is forced
to 2.66V (for 2xf0) or 4.0V (for 3xf0).
PLL1 ensuresthe coincidencebetween the leading
edge of the sync signal and a phase reference
obtained by comparison between the sawtooth of
the VCO and an internal DC voltage which is I
2C
adjustable between 2.8V and 4.0V (corresponding
to
± 10%) (see Figure 10).
The TDA9109/SN also includes a Lock/Unlock
identification block which senses in real time
whether PLL1 is locked or not on the incoming
horizontal sync signal. The resulting information is
available on HLOCKOUT (see Sync Processor).
When PLL1 is unlocked, it forces HLOCKOUT to
high level.
The lock/unlock information is also available
through the I
2C read.
II.3 - PLL2
PLL2 ensures a constant position of the shaped
flyback signal in comparison with the sawtooth of
the VCO, taking into accountthe saturation time Ts
(see Figure 11).
The phase comparator of PLL2 (phase type com-
parator) is followed by a charge pump (typical
output current : 0.5mA).
The flyback input consists of an NPN transistor.
This input must be current driven. The maximum
recommended input current is 5mA (see Fig-
ure 12).
The duty cycle is fixed (48%).
The maximum storage time (Ts Max.) is (0.44TH -
TFLY/2). Typically, TFLY/TH is around 20% which
means that Ts max is around 34% of TH.
TDA9109/SN
19/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com