Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA9109
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA9109 Datasheet HTML 22Page - STMicroelectronics TDA9109 Datasheet HTML 23Page - STMicroelectronics TDA9109 Datasheet HTML 24Page - STMicroelectronics TDA9109 Datasheet HTML 25Page - STMicroelectronics TDA9109 Datasheet HTML 26Page - STMicroelectronics TDA9109 Datasheet HTML 27Page - STMicroelectronics TDA9109 Datasheet HTML 28Page - STMicroelectronics TDA9109 Datasheet HTML 29Page - STMicroelectronics TDA9109 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
APPLICATION DIAGRAMS
TP17 J12
TP13 J11
TP10
TP16
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
X1
8MHz
C37
33pF
C38
33pF
C43
47
µF
L2
22
µH
+5V
R30
10k
R43
10k
C42
1
µF
TILT
J13
C45
10
µF
J16
J15
J14
+5V
R39
4.7k
R29
4.7k
R42
100
R41
100
C39
22pF
C40
22pF
SCL
SDA
12345678
9
10
11
12
16
15
14
13
CC3
47pF
PC1
47k
+12V
+12V
+12V
CC4
47pF
+12V
PC2
47k
CC1
100nF
CC2
10
µF
R35
10k
R10
10k
C25
33pF
HOUT
R8
10k
C22
33pF
J8
HFLY
Q1
BC557
Q2
BC557
R15
1k
R17
270k
R37
27k
+12V
R31
27k
R19
270k
R38
2.2
3W
C11 220pF
R18
39k
R33
4.7k
R9
470
R34
1k
J1
E/W
C36
1
µF
Q3
TIP122
E/W POWER STAGE
TP4 TP3
1
7
5
4
6
2
3
IC1
TDA8172
C10
470
µF
C8
100nF
-12V
C1
220nF
R3
1.5
R5
5.6k
R11
220
0.5W
R4
1
0.5W
C4
100nF
R2
5.6k
R40
36k
C10
100
µF
35V
D1
1n4001
C14
470
µF
C9
100nF
TP6
TP7
3
2
1
J18
V YOKE
J6
J3
J2
+12V
-12V
R1
12k
C41
470pF
VERTICAL DEFLECTION STAGE
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
C13 10nF
R36 1.8k
C31
4.7
µF
C17 1
µF
24
23
22
21
20
19
18
17
26
25
32
31
30
29
28
27
H/HVIN
VSYNCIN
HLOCKOUT
SCL
PLL2C
C0
B+OUT
R0
GGND
PLL1F
HOUTCOL
HPOSITION XRAYIN
HMOIRE
EWOUT
FOCUS
VOUT
HGND
VCAP
HFLY
VREF
HREF
VAGCCAP
COMP
VGND
REGIN
BREATH
I
SENSE
BGND
IC4
TDA9109/SN
TP1
+12V
V
CC
C5
100
µF
C6
100nF
C49
100nF
HOUT
R53
1k
C48
10
µF
C3
47
µF
C2
100nF
C12
150nF
C15
470nF
+12V
R52
3.9k
+12V
Q4
BC557
Q5
BC547
R58
10
L3
22
µH
C50
10
µF
C7 22nF
C28
820pF 5%
R23
6.49k
Ω 1%
C16
C33
100nF
C27
47
µF
HREF
L4
47
µH
R24
10k
R25
1k
J9
DYN
FOCUS
C47
100pF
R50
1M
C46
1nF
C51
100nF
R57
82k
JP1
R51
1k
B+OUT
GND
I
SENSE
REGIN
3
2
1
J19
4
CON4
R49
22k
+5V
C30
100
µF
C32
100nF
L1
22
µH
+5V
SDA
+5V
R56
560
D2
1N4148
J17
HOUT
C60
100nF
R74
10k
R77
15k
P1
10k
+12V
R73
1M
R76
47k
R75
10k
TP8
EHT
COMP
R7 10k
R45 33k
TP14
()
*
()
* Optional
2
2k
The difference with standard TDA9109 Application Diagram is the resistor divider 2k
Ω/2Ω on
Pin 9 (HMOIRE).
Figure 39 : Demonstration Board
TDA9109/SN
29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com