Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9110 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9110 Datasheet HTML 1Page - STMicroelectronics TDA9110 Datasheet HTML 2Page - STMicroelectronics TDA9110 Datasheet HTML 3Page - STMicroelectronics TDA9110 Datasheet HTML 4Page - STMicroelectronics TDA9110 Datasheet HTML 5Page - STMicroelectronics TDA9110 Datasheet HTML 6Page - STMicroelectronics TDA9110 Datasheet HTML 7Page - STMicroelectronics TDA9110 Datasheet HTML 8Page - STMicroelectronics TDA9110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PIN CONNECTIONS
Pin
Name
Function
1
H/HVIN
TTL compatible Horizontal Synchro Input
2
VSYNCIN
TTL compatible Vertical Synchro Input (for separated H&V)
3
HMOIRE
Horizontal Moire Output (to be connected to PLL2C through a resistor divider)
4
HLOCKOUT
First PLL Lock/Unlock Output (0V unlocked - 5V locked)
5
PLL2C
Second PLL Loop Filter
6
FC1
High Threshold VCO Decoupling Filter
7
C0
Horizontal Oscillator Capacitor
8
R0
Horizontal Oscillator Resistor
9
PLL1F
First PLL Loop Filter
10
HPOS
Horizontal Position Decoupling Filter
11
HGND
Horizontal Section Ground
12
HFLY
Horizontal Flyback Input (positive polarity)
13
HREF
Horizontal Section Reference Voltage (to be filtered)
14
HLOCKCAP
First PLL Lock/Unlock Time Constant Capacitor
15
FOCUSOUT
Mixed Horizontal and Vertical Dynamic Focus Output
16
HFOCUSCAP
Horizontal Dynamic Focus Oscillator Capacitor
17
GND
Ground (related internal reference)
18
BREATH
DC Breathing Input Control
19
VGND
Vertical Section Ground
20
VAGCCAP
Memory Capacitor for Automatic Gain Control Loop in Vertical Ramp Generator
21
VREF
Vertical Section Reference Voltage (to be filtered)
22
VCAP
Vertical Sawtooth Generator Capacitor
23
VOUT
Vertical Ramp Output (with frequency independant amplitude and S or C Corrections if any).
It is mixed with vertical position reference voltage output and vertical moire.
24
EWOUT
East/West Pincushion Correction Parabola Output
25
XRAY
X-RAY protection input (with internal latch function)
26
HOUT
Horizontal Drive Output (int. trans. open collector)
27
GND
General Ground (referenced to VCC)
28
HSIZE
DC HSize Control Output
29
VCC
Supply Voltage (12V Typ)
30
SCL
I
2C Clock Input
31
SDA
I
2C Data Input
32
5V
Supply Voltage (5V Typ.)
TDA9110
2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com