Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9110
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9110 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9110 Datasheet HTML 1Page - STMicroelectronics TDA9110 Datasheet HTML 2Page - STMicroelectronics TDA9110 Datasheet HTML 3Page - STMicroelectronics TDA9110 Datasheet HTML 4Page - STMicroelectronics TDA9110 Datasheet HTML 5Page - STMicroelectronics TDA9110 Datasheet HTML 6Page - STMicroelectronics TDA9110 Datasheet HTML 7Page - STMicroelectronics TDA9110 Datasheet HTML 8Page - STMicroelectronics TDA9110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TDA9110
LOW-COST DEFLECTION PROCESSOR
FOR MULTISYNC MONITORS
December 1997
PRODUCT PREVIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
22
23
24
25
26
21
20
19
18
17
5V
SDA
SCL
V
CC
GND
HOUT
XRAY
EWOUT
VOUT
VCAP
V
REF
VAGCCAP
VGND
DCBREATH
GND
HREF
HFLY
HGND
HFOCUSCAP
R0
C0
FC1
PLL2C
HLOCKOUT
HMOIRE
H/HVIN
VSYNC-IN
32
31
30
29
28
27
PLL1F
HPOS
HLOCKCAP
HVFOCUS
HSIZE
PIN CONNECTIONS
SHRINK32
(Plastic Package)
ORDER CODE : TDA9110
HORIZONTAL
.
EXTREMELY LOW JITTER LEVEL
.
SELF-ADAPTATIVE
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
X-RAY PROTECTION INPUT
.
I
2C CONTROLS : HORIZONTAL DUTY-CYCLE,
H-POSITION
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 165Hz AGC LOOP
.
GEOMETRY TRACKING WITH V-POS & AMP
.
I
2C CONTROLS :
V-AMP, V-POS, S-CORR, C-CORR
.
DC BREATHING COMPENSATION
I
2C GEOMETRY CORRECTIONS
.
VERTICAL PARABOLA GENERATOR
(Pincushion, Keystone)
.
HORIZONTAL SIZE CONTROL (Amplitude)
.
HORIZONTAL DYNAMIC PHASE
(Side Pin Balance & Parallelogram)
.
HORIZONTAL AND VERTICAL DYNAMIC FO-
CUS (Horizontal Focus Amplitude, Horizontal
Focus Symmetry, Vertical Focus Amplitude)
GENERAL
.
SYNCHRO PROCESSOR
.
12V SUPPLY VOLTAGE
.
8V REFERENCE VOLTAGE
.
HOR. & VERT. LOCK UNLOCK OUTPUTS
.
READ/WRITE I
2C INTERFACE
.
HORIZONTAL AND VERTICAL MOIRE
This is advance information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
DESCRIPTION
The TDA9110 is a monolithic integrated circuit as-
sembled in 32-pin shrunk dual in line plastic pack-
age. This IC controls all the functions related to the
horizontal and vertical deflection in multimode or
multi-frequency computer display monitors.
The internal synchro processor, combined with the
very powerful geometry correction block make the
TDA9110 suitable for very high performance moni-
tors with very few external components.
The horizontal jitter level is extremely low. (Typical
standard deviation : 300ps @ 31kHz).
It is particularly well suited for high-end 15” and 17”
monitors.
Combined with ST7275 Microcontroller family,
TDA9206 (Video preamplifier) and STV942x
(On-Screen Display controller)
the TDA9110
allows to built fully I
2C bus controlled computer
display monitors, with a reduce nu mber of ex-
ternal compon ents.
1/29


Similar Part No. - TDA9110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
More results

Similar Description - TDA9110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com