Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9115 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9115 Datasheet HTML 1Page - STMicroelectronics TDA9115 Datasheet HTML 2Page - STMicroelectronics TDA9115 Datasheet HTML 3Page - STMicroelectronics TDA9115 Datasheet HTML 4Page - STMicroelectronics TDA9115 Datasheet HTML 5Page - STMicroelectronics TDA9115 Datasheet HTML 6Page - STMicroelectronics TDA9115 Datasheet HTML 7Page - STMicroelectronics TDA9115 Datasheet HTML 8Page - STMicroelectronics TDA9115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Version 4.0
August 2001
1/45
TDA9115
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR
FOR MULTISYNC MONITOR
FEATURES
General
s
I2C-BUS-CONTROLLED
DEFLECTION PROCESSOR DEDICATED
FOR LOW-END CRT MONITORS
s
SINGLE SUPPLY VOLTAGE 12V
s
VERY LOW JITTER
s
DC/DC CONVERTER CONTROLLER
s
ADVANCED EW DRIVE
s
AUTOMATIC MULTISTANDARD
SYNCHRONIZATION
s
DYNAMIC CORRECTION WAVEFORM
OUTPUT
s
X-RAY PROTECTION AND SOFT-START &
STOP ON HORIZONTAL AND DC/DC DRIVE
OUTPUTS
Horizontal section
s
150 kHz maximum frequency
s
Corrections of geometric asymmetry:
Pin cushion asymmetry, Parallelogram
s
Tracking of asymmetry corrections with vertical
size and position
s
Horizontal moiré cancellation output
Vertical section
s
200 Hz maximum frequency
s
Vertical ramp for DC-coupled output stage with
adjustments of: C-correction, S-correction for
super-flat CRT, Vertical size, Vertical position
s
Vertical moiré cancellation through vertical
ramp waveform
s
Compensation of vertical breathing with EHT
variation
EW section
s
Symmetrical geometry corrections: Pin cushion,
Keystone
s
Horizontal size adjustment
s
Tracking of EW waveform with Vertical size and
position and adaptation to frequency
s
Compensation of horizontal breathing through
EW waveform
Dynamic correction section
s
Vertical dynamic correction waveform output for
dynamic corrections like focus, brightness
uniformity, ...
s
Fixed on screen by means of tracking system
DC/DC controller section
s
Step-up and step-down conversion modes
s
External sawtooth configuration
s
Synchronization on hor. frequency with phase
selection
s
Selectable polarity of drive signal
DESCRIPTION
The TDA9115 is a monolithic integrated circuit as-
sembled in a 32-pin shrink dual-in-line plastic
package. This IC controls all the functions related
to horizontal and vertical deflection in multimode
or multi-frequency computer display monitors.
The device only requires very few external compo-
nents.
Combined with other ST components dedicated
for CRT monitors (microcontroller, video preampli-
fier, video amplifier, OSD controller) the TDA9115
allows fully I2C bus-controlled computer display
monitors to be built with a reduced number of ex-
ternal components.
SHRINK 32 (Plastic Package)
ORDER CODE: TDA9115
1


Similar Part No. - TDA9115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
More results

Similar Description - TDA9115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Apr-2000
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV6888 STMICROELECTRONICS-STV6888 Datasheet
722Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Aug-2003
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
TDA9112A STMICROELECTRONICS-TDA9112A Datasheet
781Kb / 60P
HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
2003-Oct
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com