Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9115 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9115
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9115 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9115 Datasheet HTML 17Page - STMicroelectronics TDA9115 Datasheet HTML 18Page - STMicroelectronics TDA9115 Datasheet HTML 19Page - STMicroelectronics TDA9115 Datasheet HTML 20Page - STMicroelectronics TDA9115 Datasheet HTML 21Page - STMicroelectronics TDA9115 Datasheet HTML 22Page - STMicroelectronics TDA9115 Datasheet HTML 23Page - STMicroelectronics TDA9115 Datasheet HTML 24Page - STMicroelectronics TDA9115 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TDA9115
21/45
Note 39: The TV, TH, TVM and THM bits are for testing purposes and must be kept at 0 by application.
Description of I2C Bus switches
Write-to bits
Sad02/D7 - HMoiré
Horizontal Moiré characteristics
0: Adapted to an architecture with EHT gener-
ated in deflection section
1: Adapted to an architecture with separated
deflection and EHT sections
Sad06/D7 - BOutPol
Polarity of B+ drive signal on BOut pin
0: adapted to N type of power MOS - high
level to make it conductive
1: adapted to P type of power MOS - low level
to make it conductive
Sad07/D7 - BOutPh
Phase of start of B+ drive signal on BOut pin
0: Just after horizontal flyback pulse
1: With one of edges of line drive signal on
HOut
pin, selected by BOHEdge bit
Sad08/D7 - EWTrHFr
Tracking of all corrections contained in wave-
form on pin EWOut with Horizontal Frequency
0: Not active
1: Active
Sad16/D0 - HLockEn
Enable of output of Horizontal PLL1 Lock/unlock
status signal on pin HLckVBk
0: Disabled, vertical blanking only on the pin
HLckVBk
1: Enabled
Sad16/D1 - PLL1InhEn
Enable of Inhibition of horizontal PLL1 during
extracted vertical synchronization pulse
0: Disabled, PLL1 is never inhibited
1: Enabled
Sad16/D2 - PLL1Pump
Horizontal PLL1 charge Pump current
0: Slow PLL1, low current
1: Fast PLL1, high current
Sad16/D5 - VSyncSel
Vertical Synchronization input Selection be-
tween the one extracted from composite HV sig-
nal on pin H/HVSyn and the one on pin VSyn.
No effect if VSyncAuto bit is at 1.
0: V. sync extracted from composite signal on
H/HVSyn pin selected
1: V. sync applied on VSyn pin selected
Sad16/D6 - VSyncAuto
Vertical Synchronization input selection Auto-
matic mode. If enabled, the device automatically
selects between the vertical sync extracted from
composite HV signal on pin H/HVSyn and the
one on pin VSyn, based on detection mecha-
nism. If both are present, the one coming first is
kept.
0: Disabled, selection done according to bit
VSyncSel
1: Enabled, the bit VSyncSel has no effect
Sad16/D7 - XRayReset
Reset to 0 of XRay effected with ACK bit of I2C
Bus data transfer into register containing the
XRayReset
bit.
0: No effect
1: Reset with automatic return of the bit to 0
This bit is not latched, it will return to 0 by itself.
Sad17/D0 - BlankMode
Blanking operation Mode
0: Blanking pulse starting with detection of
vertical synchronization pulse and ending
with end of vertical oscillator discharge
16
XRayReset
0: No effect
1: Reset
VSyncAuto
1:On
VSyncSel
0:Comp
1:Sep
00
PLL1Pump
1: Fast
0: Slow
PLL1InhEn
1:On
HLockEn
1:On
17
TV
0:Off(39)
TH
0:Off(39)
TVM
0:Off(39)
THM
0: Off(39)
BOHEdge
0: Falling
HBOutEn
0: Disable
VOutEn
0: Disable
BlankMode
1: Perm.
Sad
D7
D6D5
D4
D3D2
D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com