Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9210 Datasheet HTML 1Page - STMicroelectronics TDA9210 Datasheet HTML 2Page - STMicroelectronics TDA9210 Datasheet HTML 3Page - STMicroelectronics TDA9210 Datasheet HTML 4Page - STMicroelectronics TDA9210 Datasheet HTML 5Page - STMicroelectronics TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Version 3.1
March 2000
1/19
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
TDA9210
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PRELIMINARY DATA
FEATURE
s
150 MHZ PIXEL RATE
s
2.7 ns RISE AND FALL TIME
s
I2C BUS CONTROLLED
s
GREY SCALE TRACKING VERSUS BRIGHT-
NESS
s
OSD MIXING
s
NEGATIVE FEED-BACK FOR DC COUPLING
APPLICATION
s
BEAM CURRENT ATTENUATION (ABL)
s
PEDESTRAL
CLAMPING
ON
OUTPUT
STAGE
s
POSSIBILITY OF LIGHT OR DARK GREY
OSD BACKGROUND
s
OSD INDEPENDENT CONTRAST CONTROL
s
ADJUSTABLE BANDWIDTH
s
INPUT BLACK
LEVEL
CLAMPING WITH
BUILT-IN CLAMPING PULSE
s
STAND-BY MODE
s
5 V TO 8 V POWER SUPPLY
s
SYNC CLIPPING FUNCTION (SOG)
DESCRIPTION
The TDA9210 is an I
2C Bus controlled RGB pre-
amplifier designed for Monitor applications, able to
mix the RGB signals coming from any OSD de-
vice. The usual Contrast, Brightness, Drive and
Cut-Off Controls are provided.
In addition, it includes the following features:
– OSD contrast,
– Bandwidth adjustment,
– Grey background,
– Internal back porch clamping pulse generator.
The RGB incoming signals are amplified and
shaped to drive any commonly used video amplifi-
ers without intermediate follower stages. Even
though encapsulated in a 24-pin package only,
this IC allows any kind of CRT Cathode coupling :
– AC coupling with DC restore,
– DC coupling with Feed-back from Cathodes,
– DC coupling with Cut-Off controls of the Video
amplifier (ST Amplifiers TDA9533/9530).
As for any ST Video pre-amplifier, the TDA9210 is
able to drive a real load without any external inter-
face.
One of the main advantages of ST devices is their
ability to sink and source currents while most of
the devices from our competitors have problems
to sink large currents.
These driving capabilities combined with an origi-
nal output stage structure suppress any static cur-
rent on the output pins and therefore reduce dra-
matically the power dissipation of the device.
Extensive integration combined with high perform-
ance and advanced features make the TDA9210
one of the best choice for any CRT Monitor in the
14” to 17” range.
Perfectly matched with the ST Video Amplifiers
TDA9535/36, these 2 products offer a complete
solution for high performance and cost-optimized
Video Board Application.
DIP20
(Plastic Package)
ORDER CODE: TDA9210
1


Similar Part No. - TDA9210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
More results

Similar Description - TDA9210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
Mar-2000
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
Video Pixel Decoders
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
03-Oct-2001
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
Video Pixel Decoders
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
Video Pixel Decoders
VNM-EDGE2 ETC2-VNM-EDGE2 Datasheet
976Kb / 6P
Video Quality Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com