Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9210 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics TDA9210 Datasheet HTML 10Page - STMicroelectronics TDA9210 Datasheet HTML 11Page - STMicroelectronics TDA9210 Datasheet HTML 12Page - STMicroelectronics TDA9210 Datasheet HTML 13Page - STMicroelectronics TDA9210 Datasheet HTML 14Page - STMicroelectronics TDA9210 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TDA9210
11/19
AC ELECTRICAL CHARACTERISTICS
Tamb =25°C, VCCA = 5V, VCCP= 8V, Vi = 0.7 VPP,CLOAD = 5 pF, unless otherwise specified
ABL (PIN 2)
9- I2C ELECTRICAL CHARACTERISTICS
T
amb =25°C, V
CCA = 5V, unless otherwise specified
10 - I2C INTERFACE TIMING REQUIREMENTS
(see Figure 11)
Figure 7. I
2C Timing Diagram
Symbol
Parameter
Test Condit ions
Min.
Typ.
Max. Units
GABLmin
GABLmax
ABL Mini Attenuation
ABL Maxi Attenuation
VABL 3.2 V
VABL =1 V
0
15
dB
dB
VABL
ABL Threshold Voltage
For output attenuation
3
V
IABLhigh
IABLlow
High ABL Input Current
Low ABL Input Current
VABL = 3.2V
VABL =1V
0
-2
µA
µA
Symbol
Parameter
Test Conditi ons
Min.
Typ.
Max.
Units
VIL
Low Level Input Voltage
On Pins SDA, SCL
1.5
V
VIH
High Level Input Voltage
3
V
IIN
Input Current (Pins SDA, SCL)
0.4 V
< V
IN < 4.5 V
-10
+
10
µA
fSCL(Max.) SCL Maximum Clock Frequency
200
0.25
kHz
VOL
Low Level Output Voltage
SDA Pin
when ACK Sink Current = 6mA
0.6
V
≥
Symbol
Parameter
Min.
Typ.
Max. Units
tBUF
Time the bus must be free between two accesses
1300
ns
tHDS
Hold Time for Start Condition
600
ns
tSUP
Set-up Time for Stop Condition
600
ns
tLOW
The Low Period of Clock
1300
ns
tHIGH
The High Period of Clock
600
ns
tHDAT
Hold Time Data
300
ns
tSUDAT
Set-up Time Data
250
ns
tR,tF
Rise and Fall Time of both SDA and SCL
20
300
ns
t
HDAT
t
SUDAT
t
LOW
t
HIGH
t
HDS
t
SUP
t
BUF
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com