Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1890 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1890
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1890 Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1890 Datasheet HTML 1Page - STMicroelectronics TDE1890 Datasheet HTML 2Page - STMicroelectronics TDE1890 Datasheet HTML 3Page - STMicroelectronics TDE1890 Datasheet HTML 4Page - STMicroelectronics TDE1890 Datasheet HTML 5Page - STMicroelectronics TDE1890 Datasheet HTML 6Page - STMicroelectronics TDE1890 Datasheet HTML 7Page - STMicroelectronics TDE1890 Datasheet HTML 8Page - STMicroelectronics TDE1890 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDE1890
TDE1891
2A HIGH-SIDE DRIVER
INDUSTRIAL INTELLIGENT POWER SWITCH
2A OUTPUT CURRENT
18V TO 35V SUPPLY VOLTAGE RANGE
INTERNAL CURRENT LIMITING
THERMAL SHUTDOWN
OPEN GROUND PROTECTION
INTERNAL NEGATIVE VOLTAGE CLAMPING
TO VS - 50V FOR FAST DEMAGNETIZATION
DIFFERENTIAL INPUTS WITH LARGE COM-
MON MODE RANGE AND THRESHOLD
HYSTERESIS
UNDERVOLTAGELOCKOUT WITH HYSTERESIS
OPEN LOAD DETECTION
TWO DIAGNOSTIC OUTPUTS
OUTPUT STATUS LED DRIVER
DESCRIPTION
The TDE1890/1891 is a monolithic Intelligent
Power Switch in Multipower BCD Technology, for
driving inductive or resistive loads. An internal
Clamping Diode enables the fast demagnetization
of inductive loads.
Diagnostic for CPU feedback and extensive use
of electrical protections make this device ex-
tremely rugged and specially suitable for indus-
trial automation applications.
July 1998
®
MULTIWATT11 MULTIWATT11V
PowerSO20
(In line)
ORDERING NUMBERS:
TDE1891L
TDE1890V
TDE1890D
TDE1891V
BLOCK DIAGRAM
MULTIPOWER BCD TECHNOLOGY
1/12


Similar Part No. - TDE1890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897CDP STMICROELECTRONICS-TDE1897CDP Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897CFP STMICROELECTRONICS-TDE1897CFP Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results

Similar Description - TDE1890

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
93Kb / 10P
2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Mar-1997
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com