Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1890 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDE1890
Description  2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1890 Datasheet(HTML) 4 Page - STMicroelectronics

  TDE1890 Datasheet HTML 1Page - STMicroelectronics TDE1890 Datasheet HTML 2Page - STMicroelectronics TDE1890 Datasheet HTML 3Page - STMicroelectronics TDE1890 Datasheet HTML 4Page - STMicroelectronics TDE1890 Datasheet HTML 5Page - STMicroelectronics TDE1890 Datasheet HTML 6Page - STMicroelectronics TDE1890 Datasheet HTML 7Page - STMicroelectronics TDE1890 Datasheet HTML 8Page - STMicroelectronics TDE1890 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 1
DIAGNOSTIC TRUTH TABLE
Diagnostic Conditions
Input
Output
Diag1
Diag2
Normal Operation
L
H
L
H
H
H
H
H
Open Load Condition (Io <Iold)L
H
L
H
H
L
H
H
Short to VS
L
H
H
H
L
L
H
H
Short Circuit to Ground (IO =ISC)
(**)
TDE1891
TDE1890
H
<H (*)
H
L
HH
L
H
H
H
H
Output DMOS Open
L
H
L
L
H
L
H
H
Overtemperature
L
H
L
L
H
H
L
L
Supply Undervoltage (VS <Vsth2)L
H
L
L
L
L
L
L
(*) According to the intervention of the current limiting block.
(**) A cold lamp filament, or a capacitive load may activate the current limiting circuit of the I PS, when the IPS is initially turned on. TDE1891
uses Diag2 to signal such condition, TDE1890 does not.
SOURCE DRAIN NDMOS DIODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vfsd
Forward On Voltage
@ Ifsd = 2.5A
1
1.5
V
Ifp
Forward Peak Current
t = 10ms; d = 20%
6
A
trr
Reverse Recovery Time
If = 2.5A di/dt = 25A/
µs
200
ns
tfr
Forward Recovery Time
100
ns
THERMAL CHARACTERISTICS
Ø Lim
Junction Temp. Protect.
135
150
°C
TH
Thermal Hysteresis
30
°C
SWITCHING CHARACTERISTICS (VS = 24V; RL =12
Ω)
ton
Turn on Delay Time
200
µs
toff
Turn off Delay Time
40
µs
td
Input Switching to Diagnostic
Valid
200
µs
Note Vil < 0.8V, Vih > 2V @ (V+In > V–In)
TRUE
FALSE
HIGH
LOW
TDE1890 - TDE1891
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com