Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1014 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA1014
Description  VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA1014 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA1014 Datasheet HTML 1Page - STMicroelectronics TEA1014 Datasheet HTML 2Page - STMicroelectronics TEA1014 Datasheet HTML 3Page - STMicroelectronics TEA1014 Datasheet HTML 4Page - STMicroelectronics TEA1014 Datasheet HTML 5Page - STMicroelectronics TEA1014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
(VCC = 12V ; Tamb =+ 25
oC, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Gain/internal Video
Gain/external Video
–9.5
–1.5
–8
0
– 6.5
+ 1.5
dB
dB
External Video Output (low impedance) (pin 2)
Signal Amplitude (on 150
Ω grounded)
Output Voltage Swing
Dynamic Output Impedance
D.C. Output Voltage (without input signal)
Minimum Loading Resistance (electrical performance non specified)
Gain/internal Video
–2.4
75
–3.5
2
10
3.5
–2
5.5
+ 3.1
– 0.5
VPP
V
Ω
V
Ω
dB
Output Video Signals Characteristics
Video Rejection between two Inputs (1 MHz)
Differential Group Delay
Linearity Distortion
Luma (test line 17)
Chroma (test line 331)
Intermodulation Luma–chroma (test line 331)
Supply Voltage Rejection
–55
45
2
2
5
20
dB
ns
%
%
%
dB
Internal Sound Input (pin 8)
Input Signal
Input Impedance
0.3
20
2
Veff
k
Ω
External Sound Input (pin 7)
Input Signal
Input Impedance
0.1
20
0.7
Veff
k
Ω
Sound Output (pin 6)
Output Signal Amplitude
Output Voltage Swing
Distortion (VO = 0.6 Veff)
Bandwidth
Output Impedance
Load Impedance
Gain/internal Input
Gain/exteranl Input
Supply Voltage Rejection
Crosstalk
Video/sound Crosstalk
16
2
–1.5
8
60
–60
–60
0.3
2
40
0
9.5
0.5
+ 1.5
11
Veff
Veff
%
kHz
Ω
k
Ω
dB
dB
dB
dB
dB
LOGIC
External A. V. Input (peri-TV plug) (pin 9)
Unactive Low Level or Unconnected Pin (logic state 0) – (TV receiving)
Active High Level (logic state 1) (ext. receiving)
Input Impedance
0
9
10
3
VCC
V
V
k
Ω
”Band III” Input (pin 11)
Unactive Low Level or Unconnected Pin (logic state 0)
Active High Level (logic state 1)
Input Impedance High Level
Input Current Low Level
0
9
10
+3
VCC
1
V
V
k
Ω
µA
Video–recorder Key Input (pin 10)
Unactive High Level or Unconnected Pin (logic state 1)
Active Low Level (logic state 0)
Input Impedance
9
0
10
VCC
3
V
V
k
Ω
Open Collector Output (time-constant switching) (pin 5)
Leakage Current (open collector)
Maximum Low Level Voltage (I(5) = 4mA)
1
1.5
µA
V
TEA1014
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com