Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1014 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA1014
Description  VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA1014 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA1014 Datasheet HTML 1Page - STMicroelectronics TEA1014 Datasheet HTML 2Page - STMicroelectronics TEA1014 Datasheet HTML 3Page - STMicroelectronics TEA1014 Datasheet HTML 4Page - STMicroelectronics TEA1014 Datasheet HTML 5Page - STMicroelectronics TEA1014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CIRCUIT DESCRIPTION
The main functions of the I.C. are following :
Video Switching
2 electronically switched inputs :
- one 2.5VPP input for internal video.
- one 1VPP input for signal coming from the peri-TV
plug.
2 outputs :
-1VPP output (low impedance 75
Ω) for peri-TV
plug.
-1VPP output low impedance for video section of
the TV set.
Each input and output is protected from ground
short-circuit. The 75
Ω output is protected through
a75
Ω resistor.
Audio Switching
Two electronically switched inputs :
- 300mV rms input coming from internal audio.
- 100mV rms input coming from the peri-TV plug
one low impedance output 300mVRMS.
Inputs and outputs are also protected against
ground short-circuit.
Switching Logic
The logic takes into account the informations on 3
pins.
- Internal or external video and sound (pin 8 peri
TV plug)
- Band III information
- Video recorder key.
External Video and Audio signals are selected in
two cases.
- When there is a voltage information coming from
peri-TV plug.
- When the video recorder key is selected (on TV
front panel) and programmed on band III.
This I.C. includes an internal switch (open collector
transistor) which commutes the time constant of
the horizontal PLL circuit in case of video recorder
reception.
APPLICATION CIRCUIT
TEA1014
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com