Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34119 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34119 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC34119
Rev. 3.0, 12/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Low Power Audio Amplifier
The 34119 is a low power audio amplifier integrated circuit
intended for telephone applications, such as in speakerphones. It
provides differential speaker outputs to maximize output swing at low
supply voltages (2.0 V minimum). Coupling capacitors to the speaker
are not required. Open loop gain is 80 dB, and the closed loop gain
is set with two external resistors. A Chip Disable pin permits powering
down and/or muting the input signal.
Features
• Wide Operating Supply Voltage Range (2.0 V to 16 V), Allows
Telephone Line Powered Applications
•
Low Quiescent Supply Current (2.7 mA Typ) for Battery Powered
Applications
• Chip Disable Input to Power Down the IC
•
Low Power--Down Quiescent Current (65 µA Typ)
•
Drives a Wide Range of Speaker Loads (8.0 Ω and Up)
•
Output Power Exceeds 250 mW with 32 Ω Speaker
• Low Total Harmonic Distortion (0.5% Typ)
• Gain Adjustable from <0 dB to >46 dB for Voice Band
• Requires Few External Components
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 34119 Simplified Application Diagram
LOW POWER AUDIO AMPLIFIER
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8-PIN SOICN
34119
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34119D/R2
-20°C to 70°C
8 SOICN
MCZ34119EF/R2
Chip
Disable
Audio
Input
GND
CC
VIN
4
FC1
3
FC2
2
5
V01
8
V02
1
CD
34199
6
7


Similar Part No. - 34119

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34119 TEC-34119 Datasheet
8Mb / 12P
SOLISTRAND TERMINALS & SPLICES
logo
List of Unclassifed Man...
34119-0 ETC2-34119-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
More results

Similar Description - 34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com