Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34119 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 17Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34119
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
POWER DISSIPATION
Figures 10 to 12 indicate the device dissipation (within the
IC) for various combinations of VCC, RL, and load power.
The maximum power which can safely be dissipated within
the MC34119 is found from the following equation:
PD = (140°C - TA)/θJA
where TA is the ambient temperature; and θJA is the package
thermal resistance (100
°C/W for the standard DIP package,
and 180
°C/W for the surface mount package.)
The power dissipated within the 34119, in a given
application, is found from the following equation:
PD = (VCC x ICC) + (IRMS x VCC) - (RL x IRMS
2)
where ICC is obtained from Figure 17; and IRMS is the RMS
current at the load; and RL is the load resistance.
Figures 10 to 12, along with Figures 13 to 15 (distortion
curves), and a peak working load current of
±200 mA, define
the operating range for the 34119. The operating range is
further defined in terms of allowable load power in Figure 16
for loads of 8.0
Ω, 16Ω and 32Ω. The left (ascending) portion
which 10% distortion occurs. The center flat portion of each
curve is defined by the maximum output current capability of
the 34119. The right (descending) portion of each curve is
defined by the maximum internal power dissipation of the IC
at 25
°C. At higher ambient temperatures, the maximum load
power must be reduced according to the above equations.
Operating the device beyond the current and junction
temperature limits will degrade long term reliability.
LAYOUT CONSIDERATIONS
Normally a snubber is not needed at the output of the
34119, unlike many other audio amplifiers. However, the PC
board layout, stray capacitances, and the manner in which
the speaker wires are configured, may dictate otherwise.
Generally, the speaker wires should be twisted tightly, and
not more than a few inches in length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com