Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5115 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA5115
Description  5 CHANNELS VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5115 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TEA5115 Datasheet HTML 2Page - STMicroelectronics TEA5115 Datasheet HTML 3Page - STMicroelectronics TEA5115 Datasheet HTML 4Page - STMicroelectronics TEA5115 Datasheet HTML 5Page - STMicroelectronics TEA5115 Datasheet HTML 6Page - STMicroelectronics TEA5115 Datasheet HTML 7Page - STMicroelectronics TEA5115 Datasheet HTML 8Page - STMicroelectronics TEA5115 Datasheet HTML 9Page - STMicroelectronics TEA5115 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7
5
V
REF
CC
I
CC
I
typ. : 120mA
max. : 150mA
Internal Regulated V
CC
(6.7V typ.)
Refer to application diagram
INPUTS/OUTPUTS EQUIVALENT INTERNAL DIAGRAMS (continued)
ICC Supply (shunt transistor regulation system) (Pin 7)
T
E
A
5
1
1
5
11
9
12
16
18
2
10
8
17
1
3
75
Ω
75
Ω
75
Ω
75
Ω
3.3k
Ω
10k
Ω
75
Ω
1
7
11
15
20
8 x 100nF
INTERNAL SIGNALS
15
14
4
6
75
Ω
200
Ω
120
Ω
150
Ω
150
Ω
150
Ω
150
Ω
150
Ω
150
Ω
75
Ω
FB
R
G
B
S
TO VIDEO
PROCESSOR
7
+12V
10
µF
47
Ω 1W
PERI. TV
PLUG
5
C
FB1
FB2
R1
R2
G1
G2
B1
B2
S1
S2
13
•• Above given output load values are minimum values, in case of all output loading.
•• Minimum output load is 150 Ω individually, provided that total supply current is less than 150 mA.
TYPICAL APPLICATION DIAGRAM
TEA5115
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com