Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5115 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA5115
Description  5 CHANNELS VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5115 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA5115 Datasheet HTML 1Page - STMicroelectronics TEA5115 Datasheet HTML 2Page - STMicroelectronics TEA5115 Datasheet HTML 3Page - STMicroelectronics TEA5115 Datasheet HTML 4Page - STMicroelectronics TEA5115 Datasheet HTML 5Page - STMicroelectronics TEA5115 Datasheet HTML 6Page - STMicroelectronics TEA5115 Datasheet HTML 7Page - STMicroelectronics TEA5115 Datasheet HTML 8Page - STMicroelectronics TEA5115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =+ 25
°C, ICC = 120 mA ; Load value = 150 Ω
(sequentially switched) (unless otherwise specified, refer to test circuit page 7)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Internal Shunt Regulator
ICC = 120 mA
ICC =90 mA
ICC = 150 mA
6.3
6.2
6.2
6.7
7.2
7.3
7.3
V
V
V
R, G, B Switches (pins 4, 6, 14) (Time Measurement Conditions :
∆ inputs RGB = 0.7 Vpp ;
FB input pulse amplitude = 2 V)
VC
DC Output Voltage
Tjunction =25
°C
(no input voltage)
Tjunction stabilized
0.9
1.2
1.25
V
VAC
Max Output Swing Voltage
2
4.0
Vpp
B
Bandwidth (– 3 dB) (input voltage 0.7 Vpp)
20
30
MHz
Av
Gain of Each Channel (input voltage 0.7 Vpp ; f = 1MHz)
5.5
6
6.5
dB
Adc
Gain Difference Between any two R, G, B Channels
(input voltage 0.7 Vpp ; f = 1 MHz)
0.1
0.5
dB
Input Swing
0.7 V
± 3dB
zic
DC Input Impedance
10
k
Ω
zoc
Dynamic Output Impedance (input voltage 0.7 Vpp ;
f = 1MHz) with Rload = 300
Ω
10
Ω
Crosstalk between any inputs (R1 and R2 or B1 and B2 or G1
and G2) (input voltage 0.7 Vpp ; f = 1 MHz).
45
55
dB
Crosstalk between any outputs (input voltage 0.7 Vpp ;
f = 1 MHz).
40
55
dB
tdc
Delay time between R, G, B inputs and RGB outputs.
10
ns
tsr1
Switching rise time between FB1 input signal and R, G, B
output signal.
60
110
ns
tsf1
Switching fall time between FB1 input signal and R, G, B
output signal.
10
40
ns
tsr2
Switching rise time between FB2 input signal and R, G, B
output signal.
10
ns
tsf2
Switching fall time between FB2 input signal and R, G, B
output signal.
10
ns
td11
td12
R1, G1, B1 Decay Time
30
60
ns
ns
td21
td22
R2, G2, B2 Decay Time
45
40
ns
ns
Fast Blanking Switch (pin 13)
(time measurement conditions : FB input pulse amplitude = 2 V)
VIL
VIH
VIH
VOL
VOH
Low Level Input Voltage FB1 and FB2
High Level Input Voltage FB2 External
High Level Input Voltage FB1 Internal
Low Level Output Voltage
High Level Output Voltage
Tjunction =25
oC
Tjunction stabilized
- 0.5
1
1.2
1.4
1.5
1.7
1.9
0.45
VCC+0.5
VCC+0.5
0.6
3.5
V
V
V
V
V
V
Input Current (without load)
1.5
µA
Dynamic Output Impedance : with Rload = 300
Ω
10
Ω
tFB1r
Switching rise time between FB1 input and FB output.
120
160
ns
tFB1f
Switching fall time between FB1 input and FB output.
25
60
ns
tFB2r
Switching rise time between FB2 input and FB output.
70
ns
tFB2f
Switching fall time between FB2 input and FB output.
35
ns
dtr
Delay Between RGB Output Signal and FB Output Signal
(rise time)
50
100
ns
dtf
Delay Between RGB Output Signal and FB Output Signal
(fall time)
20
40
ns
TEA5115
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com