Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST280SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST280SPBF
Description  Phase Control Thyristors (Stud Version), 280 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST280SPBF Datasheet HTML 1Page - Vishay Siliconix ST280SPBF Datasheet HTML 2Page - Vishay Siliconix ST280SPBF Datasheet HTML 3Page - Vishay Siliconix ST280SPBF Datasheet HTML 4Page - Vishay Siliconix ST280SPBF Datasheet HTML 5Page - Vishay Siliconix ST280SPBF Datasheet HTML 6Page - Vishay Siliconix ST280SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94402
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST280SPbF Series
Phase Control Thyristors
(Stud Version), 280 A
Vishay High Power Products
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
3000
3500
4000
4500
5000
5500
6000
6500
7000
110
100
Number Of Equa l Amplitude Ha lf Cyc le Current Pulses (N)
ST280SSeries
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
3000
3500
4000
4500
5000
5500
6000
6500
7000
110
100
Number Of Equa l Amplitude Half Cyc le Current Pulses (N)
ST280SSeries
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST280SSeries
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.105 K/ W
(DC Operation)
ST280SSeries
thJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com