Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST280SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST280SPBF
Description  Phase Control Thyristors (Stud Version), 280 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST280SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  ST280SPBF Datasheet HTML 1Page - Vishay Siliconix ST280SPBF Datasheet HTML 2Page - Vishay Siliconix ST280SPBF Datasheet HTML 3Page - Vishay Siliconix ST280SPBF Datasheet HTML 4Page - Vishay Siliconix ST280SPBF Datasheet HTML 5Page - Vishay Siliconix ST280SPBF Datasheet HTML 6Page - Vishay Siliconix ST280SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94402
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Stud Version), 280 A
ST280SPbF Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• International standard case TO-209AB (TO-93)
• Hermetic metal case with glass-metal seal
insulator
• Compression bonded encapsulation for heavy duty
operations such as severe thermal cycling
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
280 A
TO-209AB (TO-93)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
280
A
TC
85
°C
IT(RMS)
440
A
ITSM
50 Hz
7850
60 Hz
8220
I2t
50 Hz
308
kA2s
60 Hz
281
VDRM/VRRM
400/600
V
tq
Typical
100
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE
PEAK AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST280S
04
400
500
30
06
600
700


Similar Part No. - ST280SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST280SPBF VISHAY-ST280SPBF_12 Datasheet
158Kb / 8P
Phase Control Thyristors (Stud Version), 280 A
11-Aug-08
More results

Similar Description - ST280SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
06-Jun-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
ST280SPBF VISHAY-ST280SPBF_12 Datasheet
158Kb / 8P
Phase Control Thyristors (Stud Version), 280 A
11-Aug-08
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
Phase Control Thyristors (Stud Version), 300 A
11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
Phase Control Thyristors (Stud Version), 200 A
28-Sep-17
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
Phase Control Thyristors (Stud Version), 180 A
26-Sep-17
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
24-Jan-18
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
Phase Control Thyristors(Stud Version), 280 A
27-Sep-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com