Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7091 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA7091
Description  TELEPHONE ANALOG FRONT END
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7091 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA7091 Datasheet HTML 1Page - STMicroelectronics TEA7091 Datasheet HTML 2Page - STMicroelectronics TEA7091 Datasheet HTML 3Page - STMicroelectronics TEA7091 Datasheet HTML 4Page - STMicroelectronics TEA7091 Datasheet HTML 5Page - STMicroelectronics TEA7091 Datasheet HTML 6Page - STMicroelectronics TEA7091 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TEA7091
TELEPHONE ANALOG FRONT END
PRODUCT PREVIEW
FEATURES:
SPEECH
DC LINE CURRENT RANGE FROM 6 TO
110mA
Tx AND Rx GAIN EXTERNALLY ADJUST-
ABLE
AGC IN Tx AND Rx EXTERNALLY PRO-
GRAMMABLE
AGC DISABLEABLE THROUGH MICROCON-
TROLLER BUS
SINGLE/DOUBLE
SIDETONE
NETWORK
SOFTWARE PROGRAMMABLE
SOFTCLIPPING ON Tx CHANNEL
SQUELCH TO REDUCE Tx NOISE ENVI-
ROMENT AND TO IMPROVE HOWLING IM-
MUNITY IN LOUDHEARING MODE
RECEIVING AMPLIFIER FOR PIEZO OR
ELECTRODYNAMIC TRANSDUCERS
+6dB MODE ON Rx CHANNEL (SELECTABLE
THROUGH MICROCONTROLLER BUS)
–6dB MODE ON Tx CHANNEL (SELECTABLE
THROUGH MICROCONTROLLER BUS)
FREQUENCY GENERATOR FOR WAITING
MELODY
ERROR BEEP GENERATOR
HOLD LINE CURRENT DETECTOR FOR
TRANSFER/ AUTO RELEASE
GROUP LISTENING / ON-HOOK DIALING
ANTI HOWLING WITH ACOUSTIC FEED-
BACK SYSTEM COUPLED WITH SQUELCH
DIGITAL VOLUME CONTROL (8 STEPS OF
4dB EACH) THROUGH MICROCONTROL-
LER BUS
ANTILARSEN ATTENUATION (4 DIFFERENT
LEVELS) PROGRAMMABLE THROUGH MI-
CROCONTROLLER BUS
HANDSFREE INTERFACE
PIN AND SOFTWARE FACILITY FOR EASY
INTERCONNECTION
WITH
HANDSFREE
CONTROLLER IC.
RING ON LOUDSPEAKER
EMBEDDED SWITCH MODE POWER SUP-
PLY TO FEED THE LOUDSPEAKER AMPLI-
FIER DURING RING MODE
DIGITAL VOLUME CONTROL (8 STEPS OF
4dB EACH) THROUGH MICROCONTROL-
LER BUS
RING
FREQUENCY
GENERATOR
PRO-
GRAMMED
THROUGH
MICROCONTROL-
LER BUS
DIALLING
DTMF
GENERATOR
(CONTROLLED
BY
MCU BUS)
DC MASK VALUE DURING MAKE PERIOD
PROGRAMMABLE THROUGH MICROCON-
TROLLER BUS
MICROCONTROLLER INTERFACE
STABILIZED VOLTAGE FOR MICROCON-
TROLLER
2 WIRE SERIAL BUS
RING INDICATOR
POWER-ON SIGNAL
RESET SIGNAL
LINE CURRENT VARIATION INDICATOR
SELF BIASED LOUDSPEAKER AMPLIFIER FOR
ANSWERING MACHINE
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
September 1993
PLCC44
PQFP44
1/7


Similar Part No. - TEA7091

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
574Kb / 57P
TELEPHONE SET INTEGRATED CIRCUIT
TEA7092TQ STMICROELECTRONICS-TEA7092TQ Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
TEA7092TQT STMICROELECTRONICS-TEA7092TQT Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
More results

Similar Description - TEA7091

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
Modem Analog Front End
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com