Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPR5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VPR5
Description  Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR5 Datasheet(HTML) 1 Page - Vishay Siliconix

  VPR5 Datasheet HTML 1Page - Vishay Siliconix VPR5 Datasheet HTML 2Page - Vishay Siliconix VPR5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 63013
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jun-07
1
VPR5, VPR7
Vishay Foil Resistors
Bulk Metal® Foil Technology Power Current Sensing Resistors
with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Any value available within resistance range
These Bulk Metal® Foil power current sensing resistors are
direct replacements for certain wirewound devices but
without the inductive characteristics of wirewounds. The
anodized aluminum housing is drilled and countersunk to
accept flat head screws for thermal mounting. Because the
device is internally Kelvin connected, there is no restriction
on the lead lengths as would be the case if this were a two
terminal device. Frequently used in YIG oscillator circuits
these devices contribute to superior frequency stability.
Note
1. Mounted on aluminum chassis (6" L x 4" W x 2" H x 0.040" Th)
per MIL-R-39009/1B.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 5 ppm/°C (Above 10
Ω)
± 10 ppm/°C (Below 10
Ω)
• Tolerance: to ± 0.01 %
• Resistance Range: 1 Ω to 100 kΩ
• Electrostatic Discharge (ESD) above 25 000 V
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: < - 40 dB
• Thermal EMF: < 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Non-Inductive: < 0.08 µH
• Non Hot Spot Design
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
• Prototype Samples available from 48 hours. Please
contact foil@vishay.com
• For better performances, please contact us
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - SPECIFICATIONS
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
TOLERANCE
TO
MAXIMUM
WORKING
VOLTAGE
POWER1)
RATING
at 25 °C
VPR5
1 to 10
± 0.1 %
300 V
5 W
> 10 to 100
± 0.05 %
> 100 to 100K
± 0.01 %
VPR7
1 to 10
± 0.1 %
300 V
7 W
> 10 to 100
± 0.05 %
> 100 to 100K
± 0.01 %
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
+ 100
+ 75
+ 50
+ 25
0
+ 50
+ 100
+ 150
Ambient Temperature (°C)
0
- 50
- 55
+ 25


Similar Part No. - VPR5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR501U016E1A ETC2-VPR501U016E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR501U016E1A CDE-VPR501U016E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR502U016N2C ETC2-VPR502U016N2C Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR502U016N2C CDE-VPR502U016N2C Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
VPR502U016N2C CDE-VPR502U016N2C Datasheet
243Kb / 5P
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
More results

Similar Description - VPR5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
26-Jan-05
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
25-Oct-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com