Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPR5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VPR5
Description  Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VPR5 Datasheet(HTML) 2 Page - Vishay Siliconix

  VPR5 Datasheet HTML 1Page - Vishay Siliconix VPR5 Datasheet HTML 2Page - Vishay Siliconix VPR5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VPR5, VPR7
Vishay Foil Resistors Bulk Metal
® Foil Technology Power Current Sensing
Resistors with TCR of 5 ppm/°C
and Power Rating up to 7 Watts
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63013
2
Revision: 05-Jun-07
Notes
1. #4-40 F.H. Machine Screw (Not Included)
2. Anodized Aluminum Housing
3. #26 AWG, Teflon Coated, 4" min.
4. #20 AWG, Solder Coated Copper
Note
* For non-standard requests, please contact Application Engineering.
TABLE 2 - STANDARD IMPRINTING AND DIMENSIONS
DIMENSIONS
A
B
C
D
E
F (min)
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
0.625
15.88
0.450
11.43
0.312
7.93
0.400
10.16
0.350
8.89
1.500
38.10
1.030
26.16
0.450
11.43
0.312
7.93
0.788
20.02
0.350
8.89
1.375
34.90
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y002625K5000T9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0026 = VPR5
0027 = VPR7
T = ± 0.01 %
A = ± 0.05 %
B = ± 0.1 %
L = Bulk
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0026 25K5000 T 9 L:
TYPE: VPR5
VALUE: 25.5 k
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VPR5T 25K500 T B (will continue to be used)
VPR5
T
25K500
T
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VPR5
VPR7
T = Lead (Pb)-free
None = Tin/Lead alloy
25.5 k
Ω
T = ± 0.01 %
A = ± 0.05 %
B = ± 0.1 %
B = Bulk
Date Code
10
Week
07
Year
AF
XXXX
2)
C
Mounting Holes1)
D
B
E
Vishay VPR5
100R01 0.1 %
I
1
E
1
E
2
I
2
R
V
I
I
3)
3)
4)
4)
026
2
K
50
5
Y0
T9
0
L
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com