Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7530 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA7530
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA7530 Datasheet HTML 3Page - STMicroelectronics TEA7530 Datasheet HTML 4Page - STMicroelectronics TEA7530 Datasheet HTML 5Page - STMicroelectronics TEA7530 Datasheet HTML 6Page - STMicroelectronics TEA7530 Datasheet HTML 7Page - STMicroelectronics TEA7530 Datasheet HTML 8Page - STMicroelectronics TEA7530 Datasheet HTML 9Page - STMicroelectronics TEA7530 Datasheet HTML 10Page - STMicroelectronics TEA7530 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
THEORETICAL VOLTAGE ON PIN 2
- The value of R affects the system time con-
stant and the charge/discharge duty cycle.
- The value of C only affects the system time
constant.
- R should be greater or equal to 150K
Ω for cor-
rect AGC operation.
PIN 3: CIRCUIT SUPPLY VOLTAGE
With pin 8 open circuit, VLS is internally stabilized
at 3V.
When the TEA7530 is under AGC control, the
voltage on this pin varies slightly (due to AGC ac-
tion).
PIN 4: EARPHONE INPUT
Input for loudspeaker signal
Figure 12
Figure 13
Pin 2
TEA7530
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com