Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7530 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7530
Description  MONITOR AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA7530 Datasheet HTML 2Page - STMicroelectronics TEA7530 Datasheet HTML 3Page - STMicroelectronics TEA7530 Datasheet HTML 4Page - STMicroelectronics TEA7530 Datasheet HTML 5Page - STMicroelectronics TEA7530 Datasheet HTML 6Page - STMicroelectronics TEA7530 Datasheet HTML 7Page - STMicroelectronics TEA7530 Datasheet HTML 8Page - STMicroelectronics TEA7530 Datasheet HTML 9Page - STMicroelectronics TEA7530 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Amplifier DC Supply
In transmission mode, the supply voltage is con-
trolled by the internal shunt DC regulator. For this
reason, the TEA7530 should be supplied from a
current source (see: supply considerations).
An antidistortion system is embodied which pro-
vides AGC control to avoid loudspeaker distortion
under current-limited conditions.
AGC Circuit action
When the supply VLS is insufficient, the voltage at
pin 8, falls below the reference voltage 1.2V, re-
sulting in transistor (TR) being switched off, re-
sulting zero current flow in resistor R. This state
enables the gain control system. Under these
conditions, the shunt DC supply will switch at a
rate determined by the time constant of the RC
network on pin 2.
This
switching
action
accomodates
normal
speech characteristic under low supply condi-
tions.
The AGC will be switched ON when the level on
Pin 2 is greater than a reference voltage of 0.4V.
Supply Considerations
a) Current MODE - Pin 8 is open (VLS =VLS1)or
connected to ground with an external resistor
(Rext) higher than 16K
Ω. The typical value of VLS
is :
VLS = 1.2V
40.5K
Ω+( 27K
Ω⁄ ⁄ REXT )
( 27KΩ ⁄⁄ REXT )
.
The AGC section is working as described in the
previous paragraph.
b) Voltage MODE - Pin 8 is shorted or connected
to GND with a resistor (REXT) lower than 16K
Ω.In
this condition the circuit must be supplied with a
DC voltage of 3 to 5.5V. In this case the AGC
section is permanently ON. Pin 2 must be shorted
to GND (in voltage mode only) to avoid perma-
nent attenuation of the signal at audio input
PIN FUNCTIONS
PIN 1: GND.
PIN 2: AUTOMATIC GAIN CONTROL FILTER
The antidistortion system response is adjusted by
the R-C network on this pin.
The AGC will be switched ON when the level on
pin 2 is greater than a reference voltage of 0.4V,
the RC-network charges (current source ON) or
discharges (current source OFF) according to
supply voltage.
Figure 11
TEA7530
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com