Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKTF18012HKP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKTF18012HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF18012HKP Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKTF18012HKP Datasheet HTML 1Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 2Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93685
6
Revision: 22-Apr-08
VSK.F180..P Series
Vishay High Power Products
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 180 A
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
Fig. 13 - Frequency Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 H z
400
1000
50 00
15 0
2500
Pu lse Ba sew id th (µs)
Snub b er c ircuit
R = 10 ohm s
C = 0.47 µF
V
= 80% V
tp
1E4
Sinuso id a l p ulse
DR M
s
s
D
VSK .F1 80.. Se rie s
T = 85 °C
C
1E1
1E2
1E3
1E4
50 H z
40 0
1000
500 0
15 0
250 0
Pu lse Ba sew id th (µs)
Sinusoid a l pulse
T = 60 °C
Snub b e r c irc uit
R = 10 ohm s
C = 0.47 µF
V
= 80% V
1E1
tp
C
DRM
s
s
D
VSK .F 180.. Serie s
1E1
1E2
1E3
1E4
1E11E2
1E31E4
50 H z
40 0
10 00
5000
150
250 0
Snub b e r circuit
R = 10 ohm s
C = 0.47 µF
V
= 80% V
Pu lse Base w id th (µs)
tp
1E4
VSK .F180.. Serie s
DR M
s
s
D
Tra p ezo id a l p ulse
T
= 8 5 °C d i/d t 50A /µs
C
E1
1E2
1E3
1E4
50 H z
400
10 00
500 0
150
250 0
Snub b er circuit
R = 10 ohm s
C = 0.47 µF
V = 80% V
Pulse Base w idth (µs)
tp
1E1
DRM
s
s
D
VSK .F180.. Series
Tra p ezoid a l p ulse
T
= 85 °C d i/d t 100A /µs
C
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 H z
40 0
1000
5000
150
250 0
Pulse Basewidth (µs)
Snub b er circuit
R = 10 ohm s
C = 0.47 µF
V
= 80% V
tp
1E4
VSK .F1 80.. Se rie s
Tra p e zoid a l p ulse
T
= 60 °C d i/d t 50A /µs
C
s
s
D
DR M
1E1
1E2
1E3
1E4
50 H z
400
100 0
5000
15 0
250 0
Pu lse Ba se w idth (µs)
VSK .F 180.. Se ries
Tra p ezoid a l p ulse
T
= 60 °C d i/d t 100A /µs
Snub b e r circuit
R = 10 ohm s
C = 0.47 µF
V
= 80% V
tp
DR M
C
s
s
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com