Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKTF18012HKP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKTF18012HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF18012HKP Datasheet(HTML) 8 Page - Vishay Siliconix

  VSKTF18012HKP Datasheet HTML 1Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 2Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93685
8
Revision: 22-Apr-08
VSK.F180..P Series
Vishay High Power Products
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 180 A
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
1
-
Module type
2
-
Circuit configuration
3
-
Fast SCR
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
4
-
Current rating: IT(AV) x 10 rounded
6
-
dV/dt code: H
≤ 400 V/µs
7
-tq code: K ≤ 20 µs
J
≤ 25 µs
8
-
P = Lead (Pb)-free
Device code
5
1
3
24
67
8
VSK
T
F
180
-
12
H
K
P
VSKUF..
VSKVF..
VSKNF..
+
-
-
K1 G1 G2 K2
--
+
+
K1 G1 G2 K2
+
-
-
G2 K2
K1 G1
+
+
VSKKF..
VSKLF..
G2 K2
~
+
-
+
-
~
VSKHF..
~
+
-
K1 G1
+
-
~
-
-
+
+
+
-
-
-
+
+
+
-
VSKTF..
+
-
~
~
+
-
K1 G1 G2 K2
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com