Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF15HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGF15HT
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF15HT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGF15HT Datasheet HTML 1Page - Vishay Siliconix UGF15HT Datasheet HTML 2Page - Vishay Siliconix UGF15HT Datasheet HTML 3Page - Vishay Siliconix UGF15HT Datasheet HTML 4Page - Vishay Siliconix UGF15HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UG(F,B)15HT & UG(F,B)15JT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88828
Revision: 27-Aug-08
882
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
UG15HT
UG15JT
UNIT
Maximum instantaneous forward voltage (1)
IF = 15 A
TJ = 25 °C
TJ = 125 °C
VF
1.75
1.50
V
Maximum DC reverse current at VRWM
TJ = 25 °C
TJ = 125 °C
IR
30
4.0
µA
mA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
35
ns
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
trr
50
ns
Typical softness factor (tb/ta)
IF = 15 A, dI/dt = 240 A/µs,
VR = 400 V, Irr = 0.1 IRM
S
0.9
-
Maximum reverse recovery current
IF = 15 A, dI/dt = 120 A/µs,
VR = 400 V, TC = 125 °C
IRM
9.0
A
Peak forward recovery time
IF = 15 A, dI/dt = 120 A/µs,
VF = 1.1 x VF max.
tfr
500
ns
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG15
UGF15
UGB15
UNIT
Typical thermal resistance from junction to case
RθJC
1.5
3.0
1.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
UG15JT-E3/45
1.85
45
50/tube
Tube
ITO-220AC
UGF15JT-E3/45
1.98
45
50/tube
Tube
TO-263AB
UGB15JT-E3/45
1.35
45
50/tube
Tube
TO-263AB
UGB15JT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AC
UG15JTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AC
UGF15JTHE3/45 (1)
1.98
45
50/tube
Tube
TO-263AB
UGB15JTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
UGB15JTHE3/81 (1)
1.35
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com