Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF15HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGF15HT
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF15HT Datasheet(HTML) 3 Page - Vishay Siliconix

  UGF15HT Datasheet HTML 1Page - Vishay Siliconix UGF15HT Datasheet HTML 2Page - Vishay Siliconix UGF15HT Datasheet HTML 3Page - Vishay Siliconix UGF15HT Datasheet HTML 4Page - Vishay Siliconix UGF15HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UG(F,B)15HT & UG(F,B)15JT
Vishay General Semiconductor
Document Number: 88828
Revision: 27-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
883
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 3. Typical Instantaneous Forward Characteristics
25
50
75
100
125
150
175
16
14
12
10
8
6
4
2
0
Case Temperature (°C)
UG15JT, UGB15JT
UGF15JT
1
10
100
Number of Cycles at 60 Hz
160
140
120
100
80
60
40
20
0
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
0.1
0.5
0.9
1.3
1.7
2.1
Figure 4. Typical Reverse Leakage Characteristics
Figure 5. Typical Junction Capacitance
Figure 6. Reverse Switching Characteristics
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
10 000
1000
100
10
1
020
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
0.1
1
10
100
1000
100
10
1
Reverse Voltage (V)
t
rr
Q
rr
450
400
350
300
250
200
150
100
50
0
25
50
75
100
125
Junction Temperature (°C)
15 A, 240 A/µs, 400 V
15 A, 240 A/µs, 400 V
1 A, 50 A/µs, 30 V
15 A, 120 A/µs, 400 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com