Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064BC Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL064BC
Description  LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064BC Datasheet(HTML) 1 Page - STMicroelectronics

  TL064BC Datasheet HTML 1Page - STMicroelectronics TL064BC Datasheet HTML 2Page - STMicroelectronics TL064BC Datasheet HTML 3Page - STMicroelectronics TL064BC Datasheet HTML 4Page - STMicroelectronics TL064BC Datasheet HTML 5Page - STMicroelectronics TL064BC Datasheet HTML 6Page - STMicroelectronics TL064BC Datasheet HTML 7Page - STMicroelectronics TL064BC Datasheet HTML 8Page - STMicroelectronics TL064BC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL064
TL064A - TL064B
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
October 1997
s
VERY LOW POWER CONSUMPTION : 200
µA
s
WIDE COMMON-MODE (UP TO VCC
+) AND
DIFFERENTIAL VOLTAGE RANGES
s
LOW INPUT BIAS AND OFFSET CURRENTS
s
OUTPUT SHORT-CIRCUIT PROTECTION
s
HIGH
INPUT
IMPEDANCE
J-FET
INPUT
STAGE
s
INTERNAL FREQUENCY COMPENSATION
s
LATCH UP FREE OPERATION
s
HIGH SLEW RATE : 3.5V/
µs
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature Range
Package
ND
TL064M/AM/BM
-55
oC, +125oC
••
TL064I/AI/BI
-40
oC, +105oC
••
TL064C/AC/BC
0
oC, +70oC
••
Example : TL064IN
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
DESCRIPTION
The TL064, TL064A and TL064B are high speed
J-FET input quad operational amplifiers. Each of
these J-FET input operational amplifiers incorpo-
rates well matched, high voltage J-FET and bipolar
transistors in a monolithic integrated circuit.
The device features high slew rate, low input bias
and offset currents, andlow offset voltage tempera-
ture coefficient.
1/10


Similar Part No. - TL064BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064BC STMICROELECTRONICS-TL064BC Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
logo
Texas Instruments
TL064BCD TI-TL064BCD Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064BCD TI-TL064BCD Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064BCD STMICROELECTRONICS-TL064BCD Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
logo
Texas Instruments
TL064BCD TI-TL064BCD Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062 STMICROELECTRONICS-TL062 Datasheet
111Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
Oct-1997
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Integral Corp.
IL062 INTEGRAL-IL062 Datasheet
494Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
IL082 INTEGRAL-IL082 Datasheet
605Kb / 7P
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL062 STMICROELECTRONICS-TL062_07 Datasheet
259Kb / 14P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
27-Jul-2007
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
TL062 ARTSCHIP-TL062 Datasheet
337Kb / 10P
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com