Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064BC Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL064BC
Description  LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064BC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL064BC Datasheet HTML 2Page - STMicroelectronics TL064BC Datasheet HTML 3Page - STMicroelectronics TL064BC Datasheet HTML 4Page - STMicroelectronics TL064BC Datasheet HTML 5Page - STMicroelectronics TL064BC Datasheet HTML 6Page - STMicroelectronics TL064BC Datasheet HTML 7Page - STMicroelectronics TL064BC Datasheet HTML 8Page - STMicroelectronics TL064BC Datasheet HTML 9Page - STMicroelectronics TL064BC Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
T
amb
No signal
No load
=+25
°C
250
200
150
100
50
0
02
6
4
8
10
12
14
16
SUPPLY VOLTAGE ( V)
SUPPLY CURRENT PER AMPLIFIER VERSUS
SUPPLY VOLTAGE
250
200
150
100
50
0
-75
-50
0
-25
25
50
75
100 125
FREE AIR TEMPERATURE (
°C)
V
CC
= 15V
No signal
No load
SUPPLY CURRENT PER AMPLIFIER VERSUS
FREE AIR TEMPERATURE
10
5
0
-50
-25
025
50
75 100 125
FREE AIR TEMPERATURE (
°C)
-75
15
20
25
30
= 15V
V
CC
No signal
No load
TOTAL POWER DISSIPATED VERSUS
FREE AIR TEMPERATURE
83
82
81
-50
-25
0
25
50
75
100
125
FREE AIR TEMPERATURE (
°C)
-75
84
85
86
87
=
15V
V
CC
R
L
=1 0k
Ω
COMMON MODE REJECTION RATIO
VERSUS FREE AIR TEMPERATURE
0.9
0.8
0.7
-50
-25
0
25
50
75
100 125
FREE AIR TEMPERATURE (
°C)
-75
1
1.1
1.2
1.3
UNITY -GAIN-BANDWIDTH
(left scale)
PHASE SH IFT
(ri ght scale)
S LEW RAT E
(left scale)
= 15V
V
CC
R
L = 10k
Ω
f = B for phase shift
1
0.99
0.98
0.97
1
1.01
1.02
1.03
NORMALIZED UNITY GAIN BANDWIDTH
SLEW RATE, AND PHASE SHIFT VERSUS
TEMPERATURE
100
10
1
0.1
0.01
-50
-25
0
255075
100
125
FREE AIR TEMPERATURE (
°C)
V
CC =
15V
INPUT BIAS CURRENT VERSUS FREE AIR
TEMPERATURE
TL064 - TL064A - TL064B
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com