Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K331M15X7RF5.H5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K331M15X7RF5.H5
Description  Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.H5 Datasheet(HTML) 5 Page - Vishay Siliconix

  K331M15X7RF5.H5 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45175
57
Revision: 18-Jan-06
Mono-Kap
Vishay
Dipped Radial Multilayer Ceramic Capacitors
50 - 100 Vdc
MONO-KAP X7R - 50 VDC CLEAR TEXT CODE
CAP (PF)
RATED VOLTAGE (Vdc)
LEAD SPACING
10 % TOLERANCE
20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
330
50 Vdc
5.0 mm (0.20")
K331K15X7RF5.H5
K331M15X7RF5.H5
390
2.5 mm (0.10")
K391K15X7RF5.L2
K391M15X7RF5.L2
390
5.0 mm (0.20")
K391K15X7RF5.H5
K391M15X7RF5.H5
470
2.5 mm (0.10")
K471K15X7RF5.L2
K471M15X7RF5.L2
470
5.0 mm (0.20")
K471K15X7RF5.H5
K471M15X7RF5.H5
560
2.5 mm (0.10")
K561K15X7RF5.L2
K561M15X7RF5.L2
560
5.0 mm (0.20")
K561K15X7RF5.H5
K561M15X7RF5.H5
680
2.5 mm (0.10")
K681K15X7RF5.L2
K681M15X7RF5.L2
680
5.0 mm (0.20")
K681K15X7RF5.H5
K681M15X7RF5.H5
820
2.5 mm (0.10")
K821K15X7RF5.L2
K821M15X7RF5.L2
820
5.0 mm (0.20")
K821K15X7RF5.H5
K821M15X7RF5.H5
1000
2.5 mm (0.10")
K102K15X7RF5.L2
K102M15X7RF5.L2
1000
5.0 mm (0.20")
K102K15X7RF5.H5
K102M15X7RF5.H5
1200
2.5 mm (0.10")
K122K15X7RF5.L2
K122M15X7RF5.L2
1200
5.0 mm (0.20")
K122K15X7RF5.H5
K122M15X7RF5.H5
1500
2.5 mm (0.10")
K152K15X7RF5.L2
K152M15X7RF5.L2
1500
5.0 mm (0.20")
K152K15X7RF5.H5
K152M15X7RF5.H5
1800
2.5 mm (0.10")
K182K15X7RF5.L2
K182M15X7RF5.L2
1800
5.0 mm (0.20")
K182K15X7RF5.H5
K182M15X7RF5.H5
2200
2.5 mm (0.10")
K222K15X7RF5.L2
K222M15X7RF5.L2
2200
5.0 mm (0.20")
K222K15X7RF5.H5
K222M15X7RF5.H5
2700
2.5 mm (0.10")
K272K15X7RF5.L2
K272M15X7RF5.L2
2700
5.0 mm (0.20")
K272K15X7RF5.H5
K272M15X7RF5.H5
3300
2.5 mm (0.10")
K332K15X7RF5.L2
K332M15X7RF5.L2
3300
5.0 mm (0.20")
K332K15X7RF5.H5
K332M15X7RF5.H5
3900
2.5mm (0.10")
K392K15X7RF5.L2
K392M15X7RF5.L2
3900
5.0 mm (0.20")
K392K15X7RF5.H5
K392M15X7RF5.H5
4700
2.5 mm (0.10")
K472K15X7RF5.L2
K472M15X7RF5.L2
4700
5.0 mm (0.20")
K472K15X7RF5.H5
K472M15X7RF5.H5
5600
2.5 mm (0.10")
K562K15X7RF5.L2
K562M15X7RF5.L2
5600
5.0 mm (0.20")
K562K15X7RF5.H5
K562M15X7RF5.H5
6800
2.5 mm (0.10")
K682K15X7RF5.L2
K682M15X7RF5.L2
6800
5.0 mm (0.20")
K682K15X7RF5.H5
K682M15X7RF5.H5
8200
2.5 mm (0.10")
K822K15X7RF5.L2
K822M15X7RF5.L2
8200
5.0 mm (0.20")
K822K15X7RF5.H5
K822M15X7RF5.H5
10 000
2.5 mm (0.10")
K103K15X7RF5.L2
K103M15X7RF5.L2
10 000
5.0 mm (0.20")
K103K15X7RF5.H5
K103M15X7RF5.H5
12 000
2.5 mm (0.10")
K123K15X7RF5.L2
K123M15X7RF5.L2
12 000
5.0 mm (0.20")
K123K15X7RF5.H5
K123M15X7RF5.H5
15 000
2.5 mm (0.10")
K153K15X7RF5.L2
K153M15X7RF5.L2
15 000
5.0 mm (0.20")
K153K15X7RF5.H5
K153M15X7RF5.H5
18 000
2.5 mm (0.10")
K183K15X7RF5.L2
K183M15X7RF5.L2
18 000
5.0 mm (0.20")
K183K15X7RF5.H5
K183M15X7RF5.H5
22 000
2.5 mm (0.10")
K223K15X7RF5.L2
K223M15X7RF5.L2
22 000
5.0 mm (0.20")
K223K15X7RF5.H5
K223M15X7RF5.H5
27 000
2.5 mm (0.10")
K273K15X7RF5.L2
K273M15X7RF5.L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com