Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K331M15X7RF5.H5 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # K331M15X7RF5.H5
Description  Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.H5 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button K331M15X7RF5.H5 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RF5.H5 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Document Number: 45175
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 18-Jan-06
60
Mono-Kap
Dipped Radial Multilayer Ceramic Capacitors
50 - 100 Vdc
Vishay
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAP (PF)
RATED VOLTAGE (VDC)
LEAD SPACING
10 % TOLERANCE
20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
3300
50 Vdc
2.5 mm (0.10")
K332J20C0GF5.L2
K332K20C0GF5.L2
3300
5.0 mm (0.20")
K332J20C0GF5.H5
K332K20C0GF5.H5
3900
2.5 mm (0.10")
K392J20C0GF5.L2
K392K20C0GF5.L2
3900
5.0 mm (0.20")
K392J20C0GF5.H5
K392K20C0GF5.H5
4700
2.5 mm (0.10")
K472J20C0GF5.L2
K472K20C0GF5.L2
4700
5.0 mm (0.20")
K472J20C0GF5.H5
K472K20C0GF5.H5
5600
2.5 mm (0.10")
K562J20C0GF5.L2
K562K20C0GF5.L2
5600
5.0 mm (0.20")
K562J20C0GF5.H5
K562K20C0GF5.H5
6800
2.5 mm (0.10")
K682J20C0GF5.L2
K682K20C0GF5.L2
6800
5.0 mm (0.20")
K682J20C0GF5.H5
K682K20C0GF5.H5
8200
2.5 mm (0.10")
K822J20C0GF5.L2
K822K20C0GF5.L2
8200
5.0 mm (0.20")
K822J20C0GF5.H5
K822K20C0GF5.H5
10 000
2.5 mm (0.10")
K103J20C0GF5.L2
K103K20C0GF5.L2
10 000
5.0 mm (0.20")
K103J20C0GF5.H5
K103K20C0GF5.H5
MONO-KAP Y5V - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
LEAD SPACING
+ 80/- 20 % TOLERANCE
MM (INCH-REF)
13TH DIGIT
T = REEL; U = AMMO; 3 = BULK
10 000
100 Vdc
2.5 mm (0.10")
K103Z15Y5VH53L2
10 000
5.0 mm (0.20")
K103Z15Y5VH53H5
15 000
2.5 mm (0.10")
K153Z15Y5VH53L2
15 000
5.0 mm (0.20")
K153Z15Y5VH53H5
22 000
2.5 mm (0.10")
K223Z15Y5VH53L2
22 000
5.0 mm (0.20")
K223Z15Y5VH53H5
33 000
2.5 mm (0.10")
K333Z15Y5VH53L2
33 000
5.0 mm (0.20")
K333Z15Y5VH53H5
47 000
2.5 mm (0.10")
K473Z15Y5VH53L2
47 000
5.0 mm (0.20")
K473Z15Y5VH53H5
68 000
2.5 mm (0.10")
K683Z15Y5VH53L2
68 000
5.0 mm (0.20")
K683Z15Y5VH53H5
100 000
2.5 mm (0.10")
K104Z15Y5VH53L2
100 000
5.0 mm (0.20")
K104Z15Y5VH53H5
150 000
2.5 mm (0.10")
K154Z20Y5VH53L2
150 000
5.0 mm (0.20")
K154Z20Y5VH53H5
220 000
2.5 mm (0.10")
K224Z20Y5VH53L2
220 000
5.0 mm (0.20")
K224Z20Y5VH53H5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com