Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP140G Datasheet(PDF) 12 Page - STMicroelectronics

Part # TLP140G
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP140G Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TLP140G Datasheet HTML 6Page - STMicroelectronics TLP140G Datasheet HTML 7Page - STMicroelectronics TLP140G Datasheet HTML 8Page - STMicroelectronics TLP140G Datasheet HTML 9Page - STMicroelectronics TLP140G Datasheet HTML 10Page - STMicroelectronics TLP140G Datasheet HTML 11Page - STMicroelectronics TLP140G Datasheet HTML 12Page - STMicroelectronics TLP140G Datasheet HTML 13Page - STMicroelectronics TLP140G Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SOLDERING RECOMMENDATION
The soldering process causes considerable ther-
mal stress to a semiconductor component. This
has to be minimized to assure a reliable and ex-
tended lifetime of the device. The PowerSO-10
package can be exposed to a maximum tempera-
ture of 260
°C for 10 seconds. However a proper
soldering of the package could be done at 215
°C
for 3 seconds. Any solder temperature profile
should be within these limits. As reflow techniques
are most common in surface mounting, typical
heating profiles are given in Figure 1,either for
mounting on FR4 or on metal-backed boards. For
each particular board, the appropriate heat profile
has to be adjusted experimentally. The present
proposal is just a starting point. In any case, the fol-
lowing precautions have to be considered :
- always preheat the device
- peak temperature should be at least 30
°C
higher than the melting point of the solder
alloy chosen
- thermal capacity of the base substrate
Voids pose a difficult reliability problem for large
surface mount devices. Such voids under the
package result in poor thermal contact and the
high thermal resistance leads to component fail-
ures. The PowerSO-10 is designed from scratch to
be solely a surfacemount package, hence symme-
try in the x- and y-axis gives the package excellent
weight balance. Moreover, the PowerSO-10 offers
the unique possibility to control easily the flatness
and quality of the soldering process. Both the top
and the bottom soldered edges of the package are
accessible for visual inspection (soldering menis-
cus).
Coplanarity between the substrate and the pack-
age can be easily verified. The quality of the solder
joints is very important for two reasons : (I) poor
quality solder joints result directly in poor reliability
and (II) solder thickness affects the thermal resis-
tance significantly. Thus a tight control of this pa-
rameter results in thermally efficient and reliable
solder joints.
Fig. 1 : Typical reflow soldering heat profile
Time (s)
Temperature ( C)
0
40
80
120
160
200
240
280
320
360
0
50
100
150
200
250
o
215 C
o
Soldering
Preheating
Cooling
245 C
o
Epoxy FR4
board
Metal-backed
board
TLPxxM/G/G-1
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com