Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP140G Datasheet(PDF) 14 Page - STMicroelectronics

Part # TLP140G
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP140G Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TLP140G Datasheet HTML 6Page - STMicroelectronics TLP140G Datasheet HTML 7Page - STMicroelectronics TLP140G Datasheet HTML 8Page - STMicroelectronics TLP140G Datasheet HTML 9Page - STMicroelectronics TLP140G Datasheet HTML 10Page - STMicroelectronics TLP140G Datasheet HTML 11Page - STMicroelectronics TLP140G Datasheet HTML 12Page - STMicroelectronics TLP140G Datasheet HTML 13Page - STMicroelectronics TLP140G Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Printed circuit board material
Rth (j-a)
P Diss
1.FR4 using the recommended pad-layout
50
°C/W
1.5 W
2.FR4 with heatsink on board (6cm
2)35 °C/W
2.0 W
3.FR4 with copper-filled through holes and external heatsink applied
12
°C/W
5.8 W
4. IMS floating in air (40 cm
2)8 °C/W
8.8 W
5. IMS with external heatsink applied
3.5
°C/W
20 W
TABLE 1
A new technologyavailable today is IMS - an Insu-
lated Metallic Substrate. This offers greatly en-
hanced
thermal
characteristics
for
surface
mount components. IMS is a substrate consisting
of three different layers, (I) the base material which
is available as an aluminium or a copper plate, (II)
a thermal conductive dielectrical layer and (III) a
copper foil, which can be etched as a circuit layer.
Using this material a thermal resistance of 8
°C/W
with 40 cm
2 of board floating in air is achievable
(see fig. 4). If even higher power is to be dissipated
an external heatsink could be applied which leads
to an Rth(j-a) of 3.5
°C/W (see Fig. 5), assuming
that Rth (heatsink-air) is equal to Rth (junction-
heatsink). This is commonly applied in practice,
leading to reasonable heatsink dimensions. Often
power devices are defined by considering the
maximum junction temperature of the device. In
practice , however, this is far from being exploited.
A summary of various power management capa-
bilities is made in table 1 based on a reasonable
delta T of 70
°C junction to air.
The PowerSO-10 concept also represents an
attractive alternative to C.O.B. techniques.
PowerSO-10 offers devices fully tested at low
and high temperature. Mounting is simple - only
conventional SMT is required - enabling the users
to get rid of bond wire problems and the problem to
control the high temperature soft soldering as well.
An optimized thermal management is guaranteed
through PowerSO-10 as the power chips must in
any case be mounted on heat spreaders before
being mounted onto the substrate.
Fig. 4 : Mounting on metal backed board
Fig. 5 : Mounting on metal backed board with an
external heatsink applied
FR4 board
Copper foil
Aluminium
heatsink
Copper foil
Insulation
Aluminium
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
TLPxxM/G/G-1
14/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com