Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPB68 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPB68
Description  TRISIL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPB68 Datasheet(HTML) 1 Page - STMicroelectronics

  TPB68 Datasheet HTML 1Page - STMicroelectronics TPB68 Datasheet HTML 2Page - STMicroelectronics TPB68 Datasheet HTML 3Page - STMicroelectronics TPB68 Datasheet HTML 4Page - STMicroelectronics TPB68 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPB SERIES
®
BIDIRECTIONAL CROWBAR PROTECTION.
VOLTAGE RANGE: FROM 62 V TO 270 V.
HOLDING CURRENT :
IH = 150mA min.
REPETITIVE PEAK PULSE CURRENT :
IPP = 100 A, 10/1000
µs.
UL RECOGNIZED FILE # E136224
FEATURES
CB429
The TPB series are TRISIL devices especially de-
signed for protecting sensitive telecommunication
equipment against lightning and transient voltages
induced by AC power lines. They are available in
the CB429 axial package.
TRISIL devices provide bidirectional protection by
crowbar action. Their characteristic response to
transient overvoltages makes them particularly
suited to protect voltage sensitive telecommunica-
tion equipment.
DESCRIPTION
SCHEMATIC DIAGRAM
TRISIL
TM
October 1998 - Ed: 6A
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
CCITT K20
4000
10/700
5/310
100
-
VDE0433
4000
10/700
5/310
100
-
VDE0878
4000
1.2/50
1/20
100
-
IEC-1000-4-5
level 4
level 4
10/700
1.2/50
5/310
8/20
100
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
FCC Part 68, lightning surge
type B
100
5/320
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-
BELLCORE TR-NWT-001089
Second level
500
2/10
2/10
500
-
CNET l31-24
4000
0.5/700
0.8/310
100
-
1/5


Similar Part No. - TPB68

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPB60R350C WUMC-TPB60R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPB60R350C WUMC-TPB60R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPB60R580C WUMC-TPB60R580C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPB60R700C WUMC-TPB60R700C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPB65R075DFD WUMC-TPB65R075DFD Datasheet
757Kb / 10P
650V Super-junction Power MOSFET
V1.0
More results

Similar Description - TPB68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
TPA STMICROELECTRONICS-TPA Datasheet
53Kb / 5P
TRISIL
Oct-1998
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
TRANSIL TRISIL COMPARISON
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com