Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPB68 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TPB68
Description  TRISIL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPB68 Datasheet(HTML) 5 Page - STMicroelectronics

  TPB68 Datasheet HTML 1Page - STMicroelectronics TPB68 Datasheet HTML 2Page - STMicroelectronics TPB68 Datasheet HTML 3Page - STMicroelectronics TPB68 Datasheet HTML 4Page - STMicroelectronics TPB68 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA.
CB429 Plastic
CA
B
O
/
O
/ D
O
/ D
C
ORDER CODE
TPB
100
RL
BREAKDOWN VOLTAGE
PACKAGING:
RL = tape and reel.
= Ammopack.
TRISIL PROTECTION 100A
Packaging : Standardpackagingis in tape andreel.
MARKING : Logo, Date Code, Part Number.
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
9.45
9.50
9.80 0.372 0.374 0.386
B
26
1.024
∅ C 4.90 5.00 5.10 0.193 0.197 0.201
∅ D 0.94 1.00 1.06 0.037 0.039 0.042
L1
1.27
0.050
note 1 : the lead is not controlled in zone L1
Weight : 0.85g
TPB SERIES
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com