Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1937 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1937 Datasheet HTML 3Page - Analog Devices AD1937 Datasheet HTML 4Page - Analog Devices AD1937 Datasheet HTML 5Page - Analog Devices AD1937 Datasheet HTML 6Page - Analog Devices AD1937 Datasheet HTML 7Page - Analog Devices AD1937 Datasheet HTML 8Page - Analog Devices AD1937 Datasheet HTML 9Page - Analog Devices AD1937 Datasheet HTML 10Page - Analog Devices AD1937 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD1937
Rev. 0 | Page 7 of 36
DIGITAL FILTERS
Table 7.
Parameter
Mode
Factor
Min
Typ
Max
Unit
ADC DECIMATION FILTER
All modes, typical @ 48 kHz
Pass Band
0.4375 × fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 × fS
24
kHz
Stop Band
0.5625 × fS
27
kHz
Stop-Band Attenuation
79
dB
Group Delay
22.9844 ÷ fS
479
μs
DAC INTERPOLATION FILTER
Pass Band
48 kHz mode, typical @ 48 kHz
0.4535 × fS
22
kHz
96 kHz mode, typical @ 96 kHz
0.3646 × fS
35
kHz
192 kHz mode, typical @ 192 kHz
0.3646 × fS
70
kHz
Pass-Band Ripple
48 kHz mode, typical @ 48 kHz
±0.01
dB
96 kHz mode, typical @ 96 kHz
±0.05
dB
192 kHz mode, typical @ 192 kHz
±0.1
dB
Transition Band
48 kHz mode, typical @ 48 kHz
0.5 × fS
24
kHz
96 kHz mode, typical @ 96 kHz
0.5 × fS
48
kHz
192 kHz mode, typical @ 192 kHz
0.5 × fS
96
kHz
Stop Band
48 kHz mode, typical @ 48 kHz
0.5465 × fS
26
kHz
96 kHz mode, typical @ 96 kHz
0.6354 × fS
61
kHz
192 kHz mode, typical @ 192 kHz
0.6354 × fS
122
kHz
Stop-Band Attenuation
48 kHz mode, typical @ 48 kHz
70
dB
96 kHz mode, typical @ 96 kHz
70
dB
192 kHz mode, typical @ 192 kHz
70
dB
Group Delay
48 kHz mode, typical @ 48 kHz
25 ÷ fS
521
μs
96 kHz mode, typical @ 96 kHz
11 ÷ fS
115
μs
192 kHz mode, typical @ 192 kHz
8 ÷ fS
42
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com